Electronic Components Datasheet Search
  English  ▼

X  

DM133 Datasheet(PDF) 1 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 1 Page - Silicon Touch Technology Inc.

  DM133 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DM133
Version
: A.024
Issue Date : 2004/07/05
File Name : SP-DM133-A.024.doc
Total Pages: 20
16-Bit Constant Current LED Drivers
With LED Open/Short Detection
新竹市科學園區展業一路 9號 7樓之1
SILICON TOUCH TECHNOLOGY INC.
9-7F-1, Prosperity Road I, Science Based Industrial Park,
Hsin-Chu, Taiwan 300, R.O.C.
Tel:886-3-5645656
Fax:886-3-5645626


Similar Part No. - DM133

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM130036 DAVICOM-DM130036 Datasheet
1Mb / 28P
15V / 30V Selectable Output & 40 Hi-V Channels Driver IC
logo
Power-One
DM1301-7R POWER-ONE-DM1301-7R Datasheet
146Kb / 4P
50 Watt DC-DC Converters
logo
Davicom Semiconductor, ...
DM130120 DAVICOM-DM130120 Datasheet
1Mb / 26P
15V / 30V Selectable Output & 122 Hi-V Channels Driver IC
logo
ITT Industries
DM130338 ITT-DM130338 Datasheet
9Mb / 301P
D Subminiature Connectors
DM130338-1 ITT-DM130338-1 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DM133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM1100C ETC1-SM1100C Datasheet
77Kb / 2P
CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM7700H ETC1-SM7700H Datasheet
76Kb / 2P
CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
fujitsu semiconductor
MBL82C43 FUJITSU-MBL82C43 Datasheet
447Kb / 11P
CMOS INPUT/OUTPUT EXPANDER
logo
Micropac Industries
66173 MICROPAC-66173 Datasheet
75Kb / 2P
TTL compatible input and output
logo
Infineon Technologies A...
BTS54040-LBA INFINEON-BTS54040-LBA Datasheet
2Mb / 69P
CMOS compatible parallel input pins for four channels
Rev. 2.0, 2014-05-26
BTS54040-LBE INFINEON-BTS54040-LBE Datasheet
2Mb / 69P
CMOS compatible parallel input pins for two channels
Rev. 2.0, 2014-05-26
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
logo
Silicon Touch Technolog...
ST2221A SITI-ST2221A Datasheet
202Kb / 17P
5V CMOS Compatible Input
ST2221C SITI-ST2221C Datasheet
217Kb / 17P
5V CMOS Compatible Input
logo
Shindengen Electric Mfg...
MTA011 SHINDENGEN-MTA011_17 Datasheet
202Kb / 4P
TTL/CMOS Compatible Input (High Active)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com