Electronic Components Datasheet Search
  English  ▼

X  

DM133 Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 17Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 18Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-13-
Version
:A.024
LED Short Detection
Example:
Consider the following conditions: LED’s (R, G, B) Vf variations are between 1.7V to
4.0V (R:1.7~2.4V, G/B: 3.0~4.0V), VLED=5V, ILED =20mA (R), 15mA (G) and 10mA (B).
In order to detect the short LED, we need to add four components in the LED drive
system: a demultiplexer (SWnormal/open, Swshort) and three Rshorts . And assume the Vsw
is 0.1V in all current condition. The algorithm for detecting the short LED is based on the
forward voltage of the LED in different conditions (normal/short/open circuit).
First, we need to decide the value of Rshort. Two inequalities are follows:
VLED-Vsw-ILED×Rshort-Vf ﹤0.3V
(LED is OK or Open)
(1)
VLED-Vsw-ILED×Rshort
>0.4V
(LED is Short)
(2)
Let’s take the B LED as an example. From (1), Rshort >160Ω (Vf=3.0V) and Rshort >
60Ω (Vf=4.0V). Then we choose Rshort >160Ω. From (2), we can calculate the Rshort ﹤
450Ω. Finally, we take a proper Rshort = (160+450)/2 = 305Ω. Follow the same steps,
we can get 203Ω for G LED. Note: as ILED is larger than 15mA (ex. ILED =20mA (R)), we
still put the 15mA in the above two equations. Then we’ll get the 247Ω for R LED.
Turn on the SWshort switches one after one. Then follow the LED open detection
procedure; turn on only one LED in the scan process. The Valarm will be “L” as LED is
normal or open. Once the LED is short, The Valarm will be changed to “H”.
R
Alarm
DM 1 3 3
Alarm
DM 1 3 3
Alarm
DM 1 3 3
Alarm
DM 1 3 3
Alarm
DM 1 3 3
Alarm
DM 1 3 3
R short1
ILED1
R short2
ILED2
R short3
ILED3
V LED
D em u ltip lex er
V sw
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com