Electronic Components Datasheet Search
  English  ▼

X  

DM133 Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # DM133
Description  CMOS Compatible Input/Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM133 Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button DM133 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM133 Datasheet HTML 16Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DM133
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
16-Bit Constant Current LED Drivers
-11-
Version
:A.024
5)LED Open Detection
The DM133 monitors the whole system, but its alarm mechanism won’t burden the
control system until some fault happens. The ALARM pin is used for both signaling the
thermal alarm and LED disconnection. When ALARM is low, either overheating or LED
disconnection occurs. And when ALARM returns to high, either the LED is re-connected
or the temperature is lowered down. Therefore, ENABLE is used to tell which situation
occurs when ALARM goes low.
Assume ENABLE is low and ALARM is low now. By turning ENABLE high, all the
current outputs are off and hence, LED open detection is disabled. Then, if ALARM is
changed to high, LED disconnection must have occurred. On the other hand, if the
ALARM remains low, then, the IC is obviously overheated. The constant current output
can be turned on sequentially to identify which output’s LED is disconnected. Table 1
shows the detectimg operation and the corresponding occurance.
ENABLE
ALARM
OCCURANCE
Low
High
LED Disconnection
Low
High
Low
Low
Thermal Alarm
Table 1. ALARM pin Output Example
The open-drain ALARM pin will go low when the current output pins are turned on
and below 0.3V. Hence, to prevent the ALARM from going low when LED is in the
normal condition, the supply voltage for LED should be set so that the driver output
voltage goes above 0.4V. Note that it takes 0.2us for the detection function to work
( Ralarm=500
Ω ).
LED Number
1
2
3
4
LED Status
Good
Not-Good
Good
Not-Good
OUTn
On
On
On
On
Detection Result
Good
Not-Good
Good
Not-Good
ALARM
Low (case 2, 4)
LED Number
1
2
3
4
LED Status
Good
Not-Good
Good
Not-Good
OUTn
On
On
Off
Off
Detection Result
Good
Not-Good
Good
Good
ALARM
Low (case 2)
LED Number
1
2
3
4
LED Status
Good
Not-Good
Good
Not-Good
OUTn
Off
Off
Off
Off
Detection Result
Good
Good
Good
Good
ALARM
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com