Electronic Components Datasheet Search
  English  ▼

X  

DM13C Datasheet(PDF) 12 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 12 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 15Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 16Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 11
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Serial Data Interface
The serial-in data (DAI) will be clocked into 16 bit shift register synchronized on the rising
edge of the clock (DCK). The data ‘1’ represents the corresponding current output ‘ON’, while the
data ‘0’ stands for ‘OFF’. The data will be transferred into the 16 bit latch synchronized on the
rising edge (edge trigger) of the strobe signal (LAT); otherwise, the data will be held. The latch
pulse should be sent after the falling edge of the last clock within a frame data. The trigger timing of
the serial-out data (DAO) will be shifted out on synchronization to the rising edge of the clock. All
outputs are turned off while enable terminal (EN) is kept at high level. And they are active when EN
shifts to low.
previous data
1
2
3
4
14
15
16
1
2
3
DCK
DAI
DAO
LAT
EN
OUT0
OUT1
OUT2
OUT12
OUT13
OUT14
OUT15
tsetup(L)
on
off
on
off
on
off
on
off
on
off
on
off
on
off
high
low
high
low
high
low
high
low
high
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com