Electronic Components Datasheet Search
  English  ▼

X  

DM13C Datasheet(PDF) 26 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 26 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 25Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 26Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 27Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 25
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Package Outline Dimension
QFN32
Note: 1.DIMENSIONING AND TOLERANCING CONFORM TO ASME Y145.5M-1994.
2. REFER TO JEDEC STD. MO-220 WHHD-2 ISSUE A
SYMBOL
DIMENSION IN MM
DIMENSION IN INCH
A
0.700
0.750
0.800
0.028
0.030
0.031
A1
0.000
0.020
0.050
0.000
0.001
0.002
A3
0.203 REF
0.008 REF
b
0.180
0.250
0.300
0.007
0.010
0.012
D
4.900
5.000
5.100
0.193
0.197
0.201
E
4.900
5.000
5.100
0.193
0.197
0.201
e
0.500 BSC
0.02 BSC
L
0.300
0.400
0.500
0.012
0.016
0.020
k
0.200
-
-
0.008
-
-
EXPOSED PAD
EXPOSED PAD
D2
1.250
2.700
3.250
0.049
0.106
0.128
E2
1.250
2.700
3.250
0.049
0.106
0.128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com