Electronic Components Datasheet Search
  English  ▼

X  

DM13C Datasheet(PDF) 24 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 24 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 25Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 26Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 27Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 23
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Package Outline Dimension
DM13C-SOP(1.0)
V
DIMENSION IN MM
DIMENSION IN INCH
A
-
-
1.900
-
-
0.075
A1
0.050
0.100
0.200
0.002
0.004
0.008
A2
1.300
1.500
1.700
0.051
0.059
0.067
b
0.300
0.400
0.500
0.012
0.016
0.020
c
0.100
0.150
0.250
0.004
0.006
0.010
D
12.800
13.000
13.200
0.504
0.512
0.520
E
7.700
8.000
8.300
0.303
0.315
0.327
e
1.000 BSC
0.04 BSC
E1
5.800
6.000
6.200
0.228
0.236
0.244
L
0.250
0.450
0.650
0.010
0.018
0.026
θ°
0
-
10
0
-
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com