Electronic Components Datasheet Search
  English  ▼

X  

DM13C Datasheet(PDF) 14 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 14 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 14Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 15Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 16Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 17Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 18Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 13
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Open
Short
or
Short
Open
useless clock pulse does not shift-in data
Real-time monitor
With the above operating principle, system could continuously retrieve LED status from
serial-out then compare with the last frame data one by one. Once there is any discrepancy
(‘1’‘0’), we can locate which channel is abnormal precisely. Since the process is ongoing and
without shifting between image mode and detection mode, it does not interrupt the image data flow
and the output display. The ‘real-time monitor’ method is suitable for LED Variable Message Signs
(VMS) system.
Clocks calculation
For large LED display applications, ‘real-time monitor’ could be a heavy loading for system
because it needs to compare the retrieved information with a lot of frame data. Therefore, to write
the image data of all channels to ‘1’, all failure status will be identified when there will be any ‘0’
retrieved. By calculating the numbers of clock pulses, the locations of abnormal channel could be
pointed out easily. The “clocks calculation” method helps to minimize the loading and memory
resources of system.
Selection of Open/Short Detection
The default detection type provided by DM13C is LED open detection after power-on. Users
could switch LED open to short detection (or short to open detection) by following timing sequence.
There are two alternative options could be selected. The option 1 shows triggering latch pulse when
the last clock of the frame data kept at high level. The option 2 shows sending one useless clock
pulse which will not shift-in data while the latch signal is kept at high level.
DCK
LAT
Normal Operation
t
DCK
LAT
option 1
t
DCK
LAT
t
option 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com