Electronic Components Datasheet Search
  English  ▼

X  

DM13C Datasheet(PDF) 23 Page - Silicon Touch Technology Inc.

Part # DM13C
Description  Maximum output voltage: 17V
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13C Datasheet(HTML) 23 Page - Silicon Touch Technology Inc.

Back Button DM13C Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 25Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 26Page - Silicon Touch Technology Inc. DM13C Datasheet HTML 27Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.006
Page 22
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13C
Package Outline Dimension
DM13C-SOP
SYMBOL
DIMENSION IN MM
A
-
-
2.650
A1
0.100
-
0.300
A2
2.050
-
-
b
0.310
-
0.510
c
0.200
-
0.330
D
15.240
-
15.700
E1
7.500BSC
e
1.270 BSC
E
10.300BSC
L1
1.40REF
L
0.400
-
1.270
θ°
0
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com