Electronic Components Datasheet Search
  English  ▼

X  

DM13G Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM13G Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
DM13G
16-bit Constant Current LED Driver
With Error Detection
General Description
DM13G is a constant-current sink driver specifically designed for LED display
applications. The device incorporates shift registers, data latches, and constant current
circuitry on the silicon CMOS chip. The maximum output current value of all 16 channels is
adjustable by a single external resistor. The global current also can be further adjusted by
7-bit serial shift-in data. Its built-in LED open/short detection, output channels short to GND
detection and thermal alarm circuits help users detect LED failures, outputs short and
overheating. There are two methods to communicate the error messages to the system.
One is through serial output data to indicate which channel has failure. The other is by
means of dedicated Alarm pin.
Features
Constant-current outputs: 5mA to 90mA adjustable by one external resistor
Maximum output voltage: 17V
Maximum clock frequency: 30MHz
7-bit linear global brightness control
Built-in LED open/short detection: Real-time detection or Smart detection
Outputs short to GND detection: Smart detection
Fast detecting response: 100ns (min.)
Over temperature protection:
Alarm (junction temperature > 130°C)
Shutdown (junction temperature > 170°C)
Sleep mode selection :sleep current < 5uA (typ.)
Ghost image elimination
In-rush current control
Schmitt trigger input
Power supply voltage: 3.0V to 5.5V
Applications
LED Variable Message Signs (VMS) System
Indoor/Outdoor LED Video Display
Package
SSOP28, TSSOP28E, QFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com