Electronic Components Datasheet Search
  English  ▼

X  

DM13G Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  DM13G Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 4
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
Pin Description
PIN No.
PIN NAME
FUNCTION
SSOP28/TSSOP28: 1
QFN32: 28
VCC
Supply voltage terminal.
SSOP28/TSSOP28: 2
QFN32: 30
ENB
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
SSOP28/TSSOP28: 3
QFN32: 31
LAT
Input terminal of data strobe. Data on shift register goes through at the
rising edge of LAT (edge trigger). Otherwise, data is latched.
SSOP28/TSSOP28: 4
QFN32: 32
CLK
Synchronous clock input terminal for serial data transfer. Data is sampled
at the rising edge of CLK.
SSOP28/TSSOP28: 5
QFN32: 1
DAI
Serial data input terminal.
SSOP28/TSSOP28: 6
QFN32: 26
MODE
Serial data input selection:
‘L’ for output channel on/off data (SD Mode),
‘H’ for 7-bit global brightness data and 3-bit error function selection
(CD Mode)
SSOP28/TSSOP28:
7~22
QFN32: 3~4,6~9,
11~14,16~19,21~22
OUT0~15 Sink constant-current outputs (open-drain).
SSOP28/TSSOP28: 23
QFN32: 24
DAO
Serial data output terminal.
SSOP28/TSSOP28: 24
QFN32: 25
ALARM
Output open drain terminal: (connected to a pull-high resistor)
‘H’ for normal conditions,
‘L’ for LED open/short, outputs short to GND or chip overheated.
SSOP28/TSSOP28: 25
NA
Not used
SSOP28/TSSOP28: 26
QFN32: 27
REXT
External resistors connected between REXT and GND for output current
value setting.
SSOP28/TSSOP28: 27
QFN32: 2,23
VLED
Connect to VLED to eliminate ghost image.
SSOP28/TSSOP28: 28
Thermal pad
QFN32: 5,10,15,20,29
Thermal pad
GND
Ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com