Electronic Components Datasheet Search
  English  ▼

X  

DM13G Datasheet(PDF) 9 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 9 Page - Silicon Touch Technology Inc.

Back Button DM13G Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 13Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 8
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
Switching Characteristics (VCC = 5.0V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENB-to-OUT0
⎯
26
⎯
LAT-to-OUT0
⎯
31
⎯
Propagation Delay
(‘L to ‘H’)
CLK-to-DAO
tpLH
⎯
19
⎯
ENB-to-OUT0
⎯
31
⎯
LAT-to-OUT0
⎯
32
⎯
Propagation Delay
(‘H’ to ‘L’)
CLK-to-DAO
tpHL
⎯
20
⎯
Output Current Rise Time
tor
⎯
10
⎯
Output Current Fall Time
tof
⎯
10
⎯
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
VIH = VCC
VIL = GND
Rrext = 3.9 K
Ω
VL = 5.0 V
RL = 0.18 K
Ω
CL = 13 pF
Ra = 500
Ω
⎯
3
⎯
ns
Switching Characteristics (VCC = 3.3V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENB-to-OUT0
⎯
36
⎯
LAT-to-OUT0
⎯
37
⎯
Propagation Delay
(‘L to ‘H’)
CLK-to-DAO
tpLH
⎯
22
⎯
ENB-to-OUT0
⎯
35
⎯
LAT-to-OUT0
⎯
37
⎯
Propagation Delay
(‘H’ to ‘L’)
CLK-to-DAO
tpHL
⎯
23
⎯
Output Current Rise Time
tor
⎯
14
⎯
Output Current Fall Time
tof
⎯
14
⎯
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
VIH = VCC
VIL = GND
Rrext = 3.9 K
Ω
VL = 5 V
RL = 0.18 K
Ω
CL = 13 pF
Ra = 500
Ω
⎯
3
⎯
ns
OUTn
DAO
REXT
ALARM
VCC
Rrext
CL
CL
RL
VL
Switching Characteristics Test Circuit
VCC
Ra



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com