Electronic Components Datasheet Search
  English  ▼

X  

DM13G Datasheet(PDF) 22 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 22 Page - Silicon Touch Technology Inc.

Back Button DM13G Datasheet HTML 18Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 25Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 26Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 21
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
Power Dissipation
Notice that the power dissipation of a semiconductor chip is limited to its package and
ambient temperature, in which the device requires the maximum output current calculated
for given operating conditions. The maximum allowable power consumption can be
calculated by the following equation:
Pd(max)(Watt) =
Tj(junction temperature)(max)(°C)– Ta(ambient temperature)(°C)
Rth(junction-to-air thermal resistance)(°C/Watt)
The relationship between power dissipation and operating temperature can be refer to the
figure below:
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
2040
6080
Ambient Temperature Ta(℃)
The power consumption of IC can be determined by the following equation and should be
less than the maximum allowable power dissipation:
Tj(max)=150
°C
Rth(TSSOP28E)=25.0
°C/Watt
Rth(QFN32)=36.1
°C/Watt
Rth(SSOP28)=80.0
°C/Watt
QFN32
TSSOP28E
SSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com