Electronic Components Datasheet Search
  English  ▼

X  

DM13G Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM13G
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13G Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM13G Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13G Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
16-bit Constant Current LED Driver with Error Detection
Version:A.002
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13G
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VCC
EN_B
LAT
CLK
DAI
MODE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
GND
VLED
REXT
NA
ALARM
DAO
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
Pin Connection
SSOP28
TSSOP28E
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VCC
EN_B
LAT
CLK
DAI
MODE
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
GND
VLED
REXT
NA
ALARM
DAO
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
QFN32
Top View
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
OUT9
OUT8
OUT7
OUT6
PGND
OUT5
OUT10
PGND
REXT
VCC
GND
ENB
LAT
CLK
ALARM
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com