Electronic Components Datasheet Search
  English  ▼

X  

DM13H Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM13H
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM13H Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 1
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
DM13H
16-Channel Constant Current LED Driver
With Error Detection
General Description
DM13H is a 16-channel constant-current sink driver specifically designed for LED
display applications. The device incorporates shift registers, data latches, and constant
current circuitry on the silicon CMOS chip. The maximum output current of each channel is
set by a single external resistor. Overall output currents can be adjusted by a 7-bit serial
shift-in data. Its built-in LED open/short detection, output channels short to GND detection
help users to detect LED failures, outputs short. The thermal alarm and shutdown functions
provide the over-temperature protection.
Features
16-Channel Constant-current outputs: 3mA to 90mA adjustable by one external resistor
Maximum output voltage: 17V
Maximum cascade clock frequency: 25MHz
7-bit linear global brightness control
Built-in LED open/short detection: Real-time detection or Smart detection
Built-in Outputs short to GND detection: Real-time or Smart detection
Fast detecting response: 100ns (min.)
Over temperature protection:
Alarm (junction temperature > 130°C)
Shutdown (junction temperature > 170°C)
Sleep mode (sleep current : 5uA)
In-rush current control
Schmitt trigger input
Power supply voltage: 3.0V to 5.5V
Package pin assignment compatible to conventional LED drivers (DM134B/5B,DM13C)
Applications
LED Variable Message Signs (VMS) System
Indoor/Outdoor LED Video Display
Packages
SOP24, SSOP24, TSSOP24E, SOP24B, QFN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com