Electronic Components Datasheet Search
  English  ▼

X  

DM13H Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # DM13H
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

Back Button DM13H Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 12Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 7
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
Switching Characteristics (VCC = 5.0V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
EN -to-OUT0
14
26
36
LAT -to-OUT0
19
31
41
Propagation Delay
(‘L to ‘H’)
CLK-to-DAO
tpLH
15
19
23
EN -to-OUT0
19
31
41
LAT -to-OUT0
19
32
41
Propagation Delay
(‘H’ to ‘L’)
CLK-to-DAO
tpHL
16
20
24
Output Current Rise Time
tor
4.5
10
18
Output Current Fall Time
tof
4.5
10
18
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
0.5
3
5.5
Detection Response
tdet
VIH = VCC
VIL = GND
Rrext = 3.9 K
Ω
VL = 5.0 V
RL = 0.18 K
Ω
CL = 13 pF
20
100
120
ns
Switching Characteristics (VCC = 3.3V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
EN -to-OUT0
16
36
46
LAT -to-OUT0
21
37
47
Propagation Delay
(‘L to ‘H’)
CLK-to-DAO
tpLH
18
22
26
EN -to-OUT0
19
35
41
LAT -to-OUT0
19
37
41
Propagation Delay
(‘H’ to ‘L’)
CLK-to-DAO
tpHL
19
23
27
Output Current Rise Time
tor
7.5
14
21
Output Current Fall Time
tof
7.5
14
21
Output Delay Time (OUT(n)-to-OUT(n+1))
tod
0.7
3
6.5
Detection Response
tdet
VIH = VCC
VIL = GND
Rrext = 3.9 K
Ω
VL = 5 V
RL = 0.18 K
Ω
CL = 13 pF
20
100
120
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com