Electronic Components Datasheet Search
  English  ▼

X  

DM13H Datasheet(PDF) 10 Page - Silicon Touch Technology Inc.

Part # DM13H
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H Datasheet(HTML) 10 Page - Silicon Touch Technology Inc.

Back Button DM13H Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 9Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 10Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 11Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 12Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 13Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 14Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 9
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
Constant-Current Output
Constant-current value of each output channel is set by an external resistor connected
between the REXT pin and GND. Varying the resistor value can adjust the current scale
ranging from 3mA to 90mA. The reference voltage of REXT terminal (Vrext) is
approximately 1.23V. The output current value is calculated by the following equation:
0
10
20
30
40
50
60
70
80
90
12
345
678
9
10
Rext (K)
In order to obtain a good performance of constant-current output, a suitable output voltage
is necessary. Users can get related information about the minimum output voltage below.
0
10
20
30
40
50
60
70
80
90
100
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3
VOUT(V)
Iout (mA) ~
V rext (V)
Rrext (KΩ)
×
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com