Electronic Components Datasheet Search
  English  ▼

X  

DM13H Datasheet(PDF) 22 Page - Silicon Touch Technology Inc.

Part # DM13H
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H Datasheet(HTML) 22 Page - Silicon Touch Technology Inc.

Back Button DM13H Datasheet HTML 18Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 19Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 20Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 21Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 22Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 23Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 24Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 25Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 26Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 21
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
Package Outline Dimension
SSOP24
Dimensions in inch
Dimensions in mm
Symbol
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.053
0.064
0.069
1.346
1.626
1.753
A1
0.004
0.006
0.01
0.102
0.152
0.254
A2
-
-
0.059
-
-
1.499
b
0.008
-
0.012
0.203
-
0.305
C
0.007
-
0.01
0.178
-
0.254
D
0.337
0.341
0.344
8.56
8.661
8.738
E
0.228
0.236
0.244
5.791
5.994
6.198
e
0.025 BSC
0.635 BSC
E1
0.15
0.154
0.157
3.81
3.912
3.988
L
0.016
0.025
0.05
0.406
0.635
1.27
L1
0.041 BSC
1.041 BSC
θ°
0
-
8
0
-
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com