Electronic Components Datasheet Search
  English  ▼

X  

DM13H Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # DM13H
Description  Maximum output voltage: 17V
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM13H Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  DM13H Datasheet HTML 1Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 2Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 3Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 4Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 5Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 6Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 7Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 8Page - Silicon Touch Technology Inc. DM13H Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
16-Channel Constant Current LED Driver with Error Detection
Version:A.004
Page 3
未經授權而逕予重製、複製、使用或公開本文件,行為人得被追究侵權之相關民刑事責任
Unauthorized reproduction, duplication, use or disclosure of this document will be deemed as infringement.
DM13H
Pin Connection (Top View)
SOP24 / SSOP24 / TSSOP24E / SOP24B
QFN24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
GND
DAI
CLK
LAT
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
VCC
REXT
DAO
EN
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
OUT6
OUT7
Pin Description
PIN No.
PIN NAME
FUNCTION
SOP24 / SSOP24 / TSSOP24E / SOP24B: 1
QFN24: 22
GND
Ground terminal.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 2
QFN24: 23
DAI
Serial data input terminal.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 3
QFN24: 24
CLK
Synchronous clock input terminal for serial data
transfer.
Data is sampled at the rising edge of CLK.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 4
QFN24: 1
LAT
Input terminal of data strobe.
Data on shift register goes through at the rising
edge (edge trigger). Otherwise, data is latched.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 5~20
QFN24: 2~17
OUT0~15 Sink constant-current outputs (open-drain).
SOP24 / SSOP24 / TSSOP24E / SOP24B: 21
QFN24: 18
EN
Output enable terminal:
‘H’ for all outputs are turned off ,
‘L’ for all outputs are active.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 22
QFN24: 19
DAO
Serial data output terminal.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 23
QFN24: 20
REXT
External resistors connected between REXT and
GND for output current value setting.
SOP24 / SSOP24 / TSSOP24E / SOP24B: 24
QFN24: 21
VCC
Supply voltage terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com