Electronic Components Datasheet Search
  English  ▼

X  

TTP252 Datasheet(PDF) 11 Page - Tontek Design Technology

Part # TTP252
Description  Target Spec.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP252 Datasheet(HTML) 11 Page - Tontek Design Technology

Back Button TTP252 Datasheet HTML 7Page - Tontek Design Technology TTP252 Datasheet HTML 8Page - Tontek Design Technology TTP252 Datasheet HTML 9Page - Tontek Design Technology TTP252 Datasheet HTML 10Page - Tontek Design Technology TTP252 Datasheet HTML 11Page - Tontek Design Technology TTP252 Datasheet HTML 12Page - Tontek Design Technology TTP252 Datasheet HTML 13Page - Tontek Design Technology TTP252 Datasheet HTML 14Page - Tontek Design Technology TTP252 Datasheet HTML 15Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Preliminary
TTP252
TonTouch
TM
12’/08/21
Page 11 of 40
Ver: 3.0
S-1: System Oscillator
The high speed oscillator is operated in built-in RC mode. Built-in RC
oscillator is fixed 4MHz
S-2: Peripheral Oscillator
The low speed oscillator was built-in an internal RC oscillator that is for
low power consumption consideration and fixed peripheral device timing
control. Built-in RC oscillator and the frequency range between 12 KHz ~
21 KHz.
S-3: CPU clock
The CPU clock comes from system/peripheral oscillator which was
controlled by H/L bit in PS register. In the normal operation, the system
clock comes from high speed system oscillator (OSCH/N/2). N is define by
CPUFS register. The low speed operation frequency (OSCL/2) comes from
RC oscillator was selected by mask option.
CPUFS (ADDRESS : 219H) : CPU frequency division’s register[R/W]
Register
Bit3
Bit2
Bit1
Bit0
Default Value
Bit Name
--
--
CS1
CS0
Read/Write
--
--
R/W
R/W
0000B
CS1~CS0: the selector value of CPU division’s register
CS1 ~ CS0
CPU frequency
RC=4MHz
0
OSCH/1
4MHz
1
OSCH/2
2MHz
2
OSCH/4
1MHz
3
OSCH/8
500KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com