Electronic Components Datasheet Search
  English  ▼

X  

TTP252 Datasheet(PDF) 21 Page - Tontek Design Technology

Part # TTP252
Description  Target Spec.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP252 Datasheet(HTML) 21 Page - Tontek Design Technology

Back Button TTP252 Datasheet HTML 17Page - Tontek Design Technology TTP252 Datasheet HTML 18Page - Tontek Design Technology TTP252 Datasheet HTML 19Page - Tontek Design Technology TTP252 Datasheet HTML 20Page - Tontek Design Technology TTP252 Datasheet HTML 21Page - Tontek Design Technology TTP252 Datasheet HTML 22Page - Tontek Design Technology TTP252 Datasheet HTML 23Page - Tontek Design Technology TTP252 Datasheet HTML 24Page - Tontek Design Technology TTP252 Datasheet HTML 25Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Preliminary
TTP252
TonTouch
TM
12’/08/21
Page 21 of 40
Ver: 3.0
TBC (ADDRESS : 20DH) : Time base control register[R/W]
Register
Bit3
Bit2
Bit1
Bit0
Default Value
Bit Name
TB2S
TB1S2
TB1S1
TB1S0
Read/Write
R/W
R/W
R/W
R/W
1111B
TB1S2 ~ TB1S0: Base timer1 overflow frequency selection bits.
TB2S: Base timer2 overflow frequency selection (0: 32Hz; 1:16Hz)
(Every time writing the TBRB will clear the time base counter)
TB2S
Base timer overflow
frequency (TB1OV)
TB2OV
(OSCL=16K)
0
TBCK/512
32Hz
1
TBCK/1024
16Hz
TB1S2 TB1S1 TB1S0
Base timer overflow
frequency (TB1OV)
TB1OV
(OSCL=16K)
0
0
0
TBCK
16KHZ
0
0
1
TBCK/2
8KHZ
0
1
0
TBCK/16
1KHZ
0
1
1
TBCK/64
256HZ
1
0
0
TBCK/256
64 HZ
1
0
1
TBCK/2048
8HZ
1
1
0
TBCK/8192
2HZ
1
1
1
TBCK/16384
1HZ
P-3: 8 bits Timer/Counter/PFD (TCP) for TCP1 &
8 bits
Timer/PWM/PFD (TCP) for TCP2
.Timer
When TCPx works as a Timer, user needs give the preload data TCPxD for
periodic interrupt. After initial setting, user starts the TCPx counting by setting
TCPxEN=1, the TCPx cycle period is:
Tc = (selected clock cycle) * (TCPxD)
When user writes data to the TCPxD, the data just keep in TCPxL/H register.
During the TCPxEN=1 command executed, the TCPxD’s complement value will
load into counter TCPx as initial value and start the timer function. Necessary
TCP1LD=1(just in TCP1), timer run with reload feature as TCPx up counts and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com