Electronic Components Datasheet Search
  English  ▼

X  

TTP252 Datasheet(PDF) 13 Page - Tontek Design Technology

Part # TTP252
Description  Target Spec.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP252 Datasheet(HTML) 13 Page - Tontek Design Technology

Back Button TTP252 Datasheet HTML 9Page - Tontek Design Technology TTP252 Datasheet HTML 10Page - Tontek Design Technology TTP252 Datasheet HTML 11Page - Tontek Design Technology TTP252 Datasheet HTML 12Page - Tontek Design Technology TTP252 Datasheet HTML 13Page - Tontek Design Technology TTP252 Datasheet HTML 14Page - Tontek Design Technology TTP252 Datasheet HTML 15Page - Tontek Design Technology TTP252 Datasheet HTML 16Page - Tontek Design Technology TTP252 Datasheet HTML 17Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Preliminary
TTP252
TonTouch
TM
12’/08/21
Page 13 of 40
Ver: 3.0
S-4: Power saving mode (Stop mode & Sleep mode)
The CPU enters stop or sleep mode is operated by writing CPU power
saving register (PS). During the power saving mode, CPU holds the internal
status of the system. In stop mode, the oscillator clocks will be stopped
and system need a warm-up time for the stability of system clock running
after wake up.
S-5: MCU System Operation Modes
The MCU has 4 operating modes, including high speed operation, low
speed operation, sleep & stop modes. After power on reset, the MCU will
go into high speed operation mode automatically. After wake up from
stop/sleep mode, the MCU will resume the last operation mode.
Figure:
System Operation State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com