Electronic Components Datasheet Search
  English  ▼

X  

TTP252 Datasheet(PDF) 39 Page - Tontek Design Technology

Part # TTP252
Description  Target Spec.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP252 Datasheet(HTML) 39 Page - Tontek Design Technology

Back Button TTP252 Datasheet HTML 32Page - Tontek Design Technology TTP252 Datasheet HTML 33Page - Tontek Design Technology TTP252 Datasheet HTML 34Page - Tontek Design Technology TTP252 Datasheet HTML 35Page - Tontek Design Technology TTP252 Datasheet HTML 36Page - Tontek Design Technology TTP252 Datasheet HTML 37Page - Tontek Design Technology TTP252 Datasheet HTML 38Page - Tontek Design Technology TTP252 Datasheet HTML 39Page - Tontek Design Technology TTP252 Datasheet HTML 40Page - Tontek Design Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Preliminary
TTP252
TonTouch
TM
12’/08/21
Page 39 of 40
Ver: 3.0
§
Mask Option Table:
The following table shows the mask option in this chip. All the mask options must
be defined clearly and ensure to meet user’s proper function.
No.
Mask
Option
Function Descriptions
+1
0
2.2V
LVR output Voltage select
1
3.0V
+1
0
Low PSR
PSR select
1
High PSR
+2
00
disable
01
PWM/PFD2
10
PFD1
PC3 special function select
11
INT0
+2
00
disable
01
PWM/PFD2
10
PFD1
PD0 special function select
11
INT1
+2
00
Low level trigger
01
Falling edge trigger
10
Rising edge trigger
INT0F trigger type
INT0S1,INT0S0
11
Dual edge trigger
+2
00
Low level trigger
01
Falling edge trigger
10
Rising edge trigger
INT1F trigger type
INT1S1,INT1S0
11
Dual edge trigger
+1
0
2.7V
LDO output Voltage select
1
4.2V
+1
0
LVREN disable
LVREN select
1
LVREN enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com