Electronic Components Datasheet Search
  English  ▼

X  

TTP252 Datasheet(PDF) 2 Page - Tontek Design Technology

Part # TTP252
Description  Target Spec.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP252 Datasheet(HTML) 2 Page - Tontek Design Technology

  TTP252 Datasheet HTML 1Page - Tontek Design Technology TTP252 Datasheet HTML 2Page - Tontek Design Technology TTP252 Datasheet HTML 3Page - Tontek Design Technology TTP252 Datasheet HTML 4Page - Tontek Design Technology TTP252 Datasheet HTML 5Page - Tontek Design Technology TTP252 Datasheet HTML 6Page - Tontek Design Technology TTP252 Datasheet HTML 7Page - Tontek Design Technology TTP252 Datasheet HTML 8Page - Tontek Design Technology TTP252 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Preliminary
TTP252
TonTouch
TM
12’/08/21
Page 2 of 40
Ver: 3.0
10. One 8-bit auto-reload timer/counter & one 8-bit timer/PWM & one time
base
counter
4 timer clock sources(internal & external) selected by software
Timer provides the PFD feature for Buzzer output driver
Time base offers 2 various period interrupt request
11. MCU system protection and power saving controlled mode:
Built-in watch dog timer (WDT) circuit
ROM code error detection
Out of user program’s range detection
Providing high/low system operating speed、sleep、stop mode
for power saving control
Built-in low voltage reset (LVR) function
12. 8 pins with touch pad detection
13. LDO voltage can select 2.7V or 4.2V output by option.
14. LVR voltage can select 2.2V or 3.0V by option.
15. Provides 8 interrupt sources
External: INT0 , INT1 shared with IO pad
Internal: Timer/counter, Timer/PWM, two Time base timer
Two touchpad’s interrupt
16. Provide package types
DIP/SOP 8 pins, DIP/SOP/SSOP/QFN 16/20/24 pins, TSSOP
20pins
Dice available
§
Applications:
1. Household electric appliances
2. Consumer products
3. Measurement controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com