Electronic Components Datasheet Search
  English  ▼

X  

TTP258 Datasheet(PDF) 11 Page - Tontek Design Technology

Part # TTP258
Description  Preliminary
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP258 Datasheet(HTML) 11 Page - Tontek Design Technology

Back Button TTP258 Datasheet HTML 7Page - Tontek Design Technology TTP258 Datasheet HTML 8Page - Tontek Design Technology TTP258 Datasheet HTML 9Page - Tontek Design Technology TTP258 Datasheet HTML 10Page - Tontek Design Technology TTP258 Datasheet HTML 11Page - Tontek Design Technology TTP258 Datasheet HTML 12Page - Tontek Design Technology TTP258 Datasheet HTML 13Page - Tontek Design Technology TTP258 Datasheet HTML 14Page - Tontek Design Technology TTP258 Datasheet HTML 15Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Preliminary
TTP258
TonTouch
TM
16’/04/06
Page 11 of 44
Ver.: 1.2
§ System function description:
S-1: System Oscillator
The high-speed oscillator is operated in built-in RC mode. Built-in RC
oscillator is fixed 4MHz
S-2: Peripheral Oscillator
The low speed oscillator was built-in an internal RC oscillator that is for low
power consumption consideration and fixed peripheral device timing control.
Built-in RC oscillator and the frequency range between 12 KHz ~ 21 KHz.
S-3: CPU clock
The CPU clock comes from system/peripheral oscillator which was controlled
by H/L bit in PS register. In the normal operation, the system clock comes from
high-speed system oscillator (OSCH/2). The low speed operation frequency
(OSCL/2) comes from RC oscillator.
Figure: System Oscillator & CPU Clock Sources
Figure: System High Speed Oscillator
RC oscillator
OSCEN
OSCH
16K Hz (Built-in RC)
1
0
CPU machine
H/L
M
U
X
Peripheral clock OSCL (16K Hz)
OSC
TBCK
/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com