Electronic Components Datasheet Search
  English  ▼

X  

TTP258 Datasheet(PDF) 2 Page - Tontek Design Technology

Part # TTP258
Description  Preliminary
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP258 Datasheet(HTML) 2 Page - Tontek Design Technology

  TTP258 Datasheet HTML 1Page - Tontek Design Technology TTP258 Datasheet HTML 2Page - Tontek Design Technology TTP258 Datasheet HTML 3Page - Tontek Design Technology TTP258 Datasheet HTML 4Page - Tontek Design Technology TTP258 Datasheet HTML 5Page - Tontek Design Technology TTP258 Datasheet HTML 6Page - Tontek Design Technology TTP258 Datasheet HTML 7Page - Tontek Design Technology TTP258 Datasheet HTML 8Page - Tontek Design Technology TTP258 Datasheet HTML 9Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Preliminary
TTP258
TonTouch
TM
16’/04/06
Page 2 of 44
Ver.: 1.2
9. Offer 3 IO+10 touch pad or 13 general programmable I/O
IO port built-in key wake-up feature enable by software setting
Providing external interrupt inputs
Offering internal signal outputs, like buzzer(PWM)
10. One 8-bit TCP1 auto-reload timer/counter & onetime base counter
4 timer clock sources selected by software
Time base offers 2 various period interrupt request
11. One 8-bit TCP2 auto-reload timer/counter, can improve PWM function
4 timer clock sources selected by software
12. Built-in 3 set 8-bit PWM output
13. MCU system protection and power saving controlled mode:
Built-in watch dog timer (WDT) circuit
ROM code error detection
Out of user program’s range detection
Providing high/low system operating speed、sleep mode for
power saving control
Built-in low voltage reset (LVR) function
14. 10 pins with touch pad detection
15. Built-in LDO voltage 2.7V
16. Provides 8 interrupt sources
External: INT0, INT1 shared with IO pad
Internal: two Timer/counter, two Time base timer
Two touchpad’s interrupt
17. Provide package types
SOP 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com