Electronic Components Datasheet Search
  English  ▼

X  

TTP258 Datasheet(PDF) 39 Page - Tontek Design Technology

Part # TTP258
Description  Preliminary
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TONTEK [Tontek Design Technology]
Direct Link  http://www.tontek.com.tw
Logo TONTEK - Tontek Design Technology

TTP258 Datasheet(HTML) 39 Page - Tontek Design Technology

Back Button TTP258 Datasheet HTML 35Page - Tontek Design Technology TTP258 Datasheet HTML 36Page - Tontek Design Technology TTP258 Datasheet HTML 37Page - Tontek Design Technology TTP258 Datasheet HTML 38Page - Tontek Design Technology TTP258 Datasheet HTML 39Page - Tontek Design Technology TTP258 Datasheet HTML 40Page - Tontek Design Technology TTP258 Datasheet HTML 41Page - Tontek Design Technology TTP258 Datasheet HTML 42Page - Tontek Design Technology TTP258 Datasheet HTML 43Page - Tontek Design Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Preliminary
TTP258
TonTouch
TM
16’/04/06
Page 39 of 44
Ver.: 1.2
MCKS[20EH]: Modulation clock selector register [R/W], default value [0111]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
MCKS2
MCKS1
MCKS0
Read/Write
-
R/W
R/W
R/W
MCKS2~MCKS0: Modulation clock selector
The TPCMPF will be set as no modulation clock going into duty counter
with de-bounce feature and will also call the interrupt as TPCMPIE=1 .
TPCHS0[20FH]: Touch pad channel selector register0 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TPEN3
TPEN2
TPEN1
TPEN0
Read/Write
R/W
R/W
R/W
R/W
TPEN3~TPEN0: Touch pad channel selector 1st nibble
TPCHS1[210H]: Touch pad channel selector register1 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
TPEN7
TPEN6
TPEN5
TPEN4
Read/Write
R/W
R/W
R/W
R/W
TPEN7~TPEN4: Touch pad channel selector 2nd nibble
TPCHS2[211H]: Touch pad channel selector register2 [R/W], default value [0000]
Register
Bit3
Bit2
Bit1
Bit0
Bit Name
-
-
TPEN9
TPEN8
Read/Write
-
-
R/W
R/W
TPEN9~TPEN8: Touch pad channel selector 3rd nibble
As program writes the TPCHS0 register hardware automatically discharges
the external capacitor and enables the sensor clock input until period end.
MCKS2 ~ MCKS0
Sample time MCKS2 ~ MCKS0 Sample time
000
OSCH/1
100
OSCH/16
001
OSCH/2
101
OSCH/32
010
OSCH/4
110
OSCH/64
011
OSCH/8
111
OSCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com