Electronic Components Datasheet Search
  English  ▼

X  

GLT41316 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GLT41316
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GLT41316 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 3 -
Absolute Maximum Ratings*
Capacitance*
TA=25
°C, V
CC=5V
±10%, V
SS=0V
Operating Temperature, TA (ambient)
.......................................-0
°C to +70°C
Storage Temperature(plastic)....-55
°C to +150°C
Voltage Relative to VSS...............-1.0V to + 7.0V
Short Circuit Output Current......................50mA
Power Dissipation......................................1.0W
Symbol
CIN1
CIN2
COUT
Parameter
Address Input
RAS , CAS , UW , LW , OE
Data Input/Output
Max.
5
7
7
Unit
pF
pF
pF
*Note: Operation above Absolute Maximum Ratings
can adversely affect device reliability.
*Note: Capacitance is sampled and not 100% tested
Electrical Specifications
l
WE means UW and LW .
l
All voltages are referenced to GND.
l
After power up, wait more than 100
µs and then, execute eight CAS -before-RAS or RAS -only
refresh cycles as dummy cycles to initialize internal circuit.
Block Diagram :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com