Electronic Components Datasheet Search
  English  ▼

X  

GLT41316 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GLT41316
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GLT41316 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 4 -
Truth Table: GLT41316
Function
RAS
CAS
UW
LW
OE
ADDRESS
DQs
Note
s
Standby
H
H
→X
X
X
X
High-Z
Read: Word
L
L
H
H
L
ROW/COL Data Out
Write: Word(Early Write)
L
L
L
L
X
ROW/COL Data-In
Write: Lower Byte (Early)
L
L
H
L
X
ROW/COL Lower Byte,Data-In
Upper Byte,High-Z
Write: Upper Byte (Early)
L
L
L
H
X
ROW/COL Lower Byte,High-Z
Upper Byte,Data-In
Read Write
L
L
H
→L
H
→L
L
→H ROW/COL Data-Out,Data-In
1,2
Fast-Page-
Mode Read
1st Cycle
2nd Cycle
L
L
H
→L
H
→L
H
H
H
L
L
ROW/COL
COL
Data-Out
Data-Out
1
1
Fast-Page-
Mode Write
1st Cycle
2nd Cycle
L
L
H
→L
H
→L
L
L
L
L
X
X
ROW/COL
COL
Data-In
Data-In
2
2
Fast-Page-
Mode Read-
Write
1st Cycle
2nd Cycle
L
L
H
→L
H
→L
H
→L
H
→L
H
→L
H
→L
L
→H
L
→H
ROW/COL
COL
Data-Out,Data-In
Data-Out,Data-In
1,2
1,2
Hidden
Refresh
Read
Write
L
→H→L
L
→H→L
L
L
H
L
H
L
L
X
ROW/COL
ROW/COL
Data-Out
Data-In
1
2,3
RAS -Only Refresh
L
H
X
X
X
ROW
High-Z
CBR Refresh
H
→L
L
X
X
X
High-Z
Notes:
1. These READ cycles are always WORD READ cycles .
2. These WRITE cycles may also be BYTE READ cycles (either UW or LW active).
3. EARLY WRITE only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com