Electronic Components Datasheet Search
  English  ▼

X  

GLT41316 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GLT41316
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GLT41316 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 8 -
Notes
1. An initial pause of 100
µs is required after power-up followed by any 8 RAS only Refresh or CAS
before RAS Refresh cycles to initialize the internal circuit.
2. VIH(min.) and VIL(min.) are reference levels for measuring timing of input signals. Transition times
are measured between VIH(min.) and VIL(max.), AC measurements assume tT = 3ns.
3. Measured with an equivalent to 2 TTL loads and 100pF.
4. For read cycles, the access time is defined as follows:
Input Conditions
Access Time
tRAD
≤ t
RAD(MAX.) and tRCD
≤ t
RCD(MAX.)
tRAC(MAX.)
tRAD(max.)< tRAD and tRCD
≤ t
RCD(MAX.)
tAA(MAX.)
tRCD(max.)< tRCD
tCAC(MAX.)
tRAD(MAX.) and tRCD(MAX.) indicate the points which the access time changes and are not the limits of
operation.
5. tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data
sheet
as electric characteristics only. If tWCS
≥ t
WCS(min.), the cycle is an early write cycle and the data output
will remain high impedance for the duration of the cycle. If tCWD
≥ t
CWD(min.),tRWD
≥ t
RWD (min.) and
tAWD
≥ t
AWD(min.), then the cycle is a read-modify-write cycle and the data output will contain the data
read from the selected address. If neither of the above conditions is satisfied, the condition of the
data
out is indeterminate.
6. tAR, tWCR, and tDHR are referenced to tRAD(max.).
7. tOFF(max.) and tOEZ(max.) define the time at which the output achieves the open circuit condition and are
not referenced to VOH or VOL.
8. tCRP(min) requirement should be applicable for RAS , CAS cycle preceded by any cycles.
9. Either tRCH(min.) or tRRH(min.) must be satisfied for a read cycle.
10. tWP(min.) is applicable for late write cycle or read modify write cycle. In early write cycles, tWCH(min.)
should be satisfied.
11.This specification is referenced to CAS falling edge in early write cycles and to WE falling edge in
late write or read modify write cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com