Electronic Components Datasheet Search
  English  ▼

X  

GLT41316 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT41316
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT41316 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 5 -
DC and Operating Characteristics (1-2)
TA = 0
°C to 70°C, V
CC=5V
±10%, V
SS=0V, unless otherwise specified.
Sym.
Parameter
Test Conditions
Access
Time
Min.
Typ
Max. Unit Notes
ILI
Input Leakage Current
(any input pin)
0V
≤ V
IN
≤ 5.5V
(All other pins not under
test=0V)
-10
+10
µA
ILO
Output Leakage Current
(for High-Z State)
0V
≤ V
out
≤ 5.5V
Output is disabled (Hiz)
-10
+10
µA
ICC1
Operating Current,
Random READ/WRITE
tRC = tRC (min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
1,2
ICC2
Standby Current,(TTL)
RAS , CAS at VIH
other inputs
≥V
SS
4
mA
ICC3
Refresh Current,
RAS-Only
RAS cycling, CAS at
VIH
tRC = tRC (min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
2
ICC4
Operating Current,
EDO Page Mode
RAS at VIL, CAS ,
address cycling: tPC =
tPC(min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
1,2
ICC5
Refresh Current,
CAS Before RAS
RAS , CAS ,
address cycling:
tRC = tRC (min.)
tRAC = 30ns
tRAC = 35ns
tRAC = 40ns
tRAC = 45ns
180
170
160
150
mA
1
ICC6
Standby Current, (CMOS)
RAS
≥V
CC-0.2V,
CAS
≥V
CC-0.2V,
All other inputs
≥V
SS
2
mA
VIL
Input Low Voltage
-1
+0.8
V
3
VIH
Input High Voltage
2.4
VCC+1
V
3
VOL
Output Low Voltage
IOL = 4.2mA
0.4
V
VOH
Output High Voltage
IOH = -5mA
2.4
V
Notes:
1. ICC is dependent on output loading when the device output is selected. Specified ICC(max.) is measured with the
output open.
2. ICC is dependent upon the number of address transitions specified ICC(max.) is measured with a maximum of
one transition per address cycle in random Read/Write and Fast Page Mode.
3. Specified VIL(min.) is steady state operation. During transitions VIL(min.) may undershoot to -1.0V for a period not
to exceed 20ns. All AC parameters are measured with VIL(min.)
≥V
SS and VIH(max.)
≤V
CC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com