Electronic Components Datasheet Search
  English  ▼

X  

GLT41316 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GLT41316
Description  64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GLT41316 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GLT41316 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT41316 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
G -LINK
GLT41316
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
June 1998 (Rev 2)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation, Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 1 -
Features :
Description :
∗
65,536 words by 16 bits organization.
∗
Fast access time and cycle time.
∗
Dual WE Input.
∗
Low power dissipation.
∗
Read-Modify-Write, RAS -Only Refresh,
CAS -Before- RAS Refresh, Hidden
Refresh and Test Mode Capability.
∗
256 refresh cycles per 4ms.
∗
Available in 40-pin 400 mil SOJ,and 40/44
pin TSOP (II).
∗
Single 5.0V
±10% Power Supply.
∗
All inputs and Outputs are TTL
compatible.
∗
Fast Page Mode operation.
The GLT41316 is a 65,536 x 16 bit high-
performance CMOS dynamic random access
memory. The GLT41316 offers Fast Page
mode ,and has both BYTE WRITE and
WORD WRITE access cycles via two WE
pins. The GLT41316 has symmetric address
and
accepts
256-cycle
refresh
in
4ms
interval.
All inputs are TTL compatible. Fast
Page Mode operation allows random access
up to 256x16 bits, within a page, with cycle
times as short as 18ns.
The
GLT41316
is
best
suited
for
graphics, and DSP applications requiring
high performance memories.
HIGH PERFORMANCE
30
35
40
45
Max. RAS Access Time, (tRAC)
30 ns
35 ns
40 ns
45 ns
Max. Column Address Access Time, (tAA)
15 ns
18 ns
20 ns
22 ns
Min. Fast Page Mode Cycle Time, (tPC)
18 ns
21 ns
23 ns
25 ns
Min. Read/Write Cycle Time, (tRC)
65 ns
70 ns
75 ns
80 ns
Max. CAS Access Time (tCAC)
10 ns
11 ns
12 ns
12 ns


Similar Part No. - GLT41316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30J4 ETC-GLT41016-30J4 Datasheet
2Mb / 23P
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-30TC ETC-GLT41016-30TC Datasheet
2Mb / 23P
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35J4 ETC-GLT41016-35J4 Datasheet
2Mb / 23P
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016-35TC ETC-GLT41016-35TC Datasheet
2Mb / 23P
64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT41316

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V53C16256H MOSEL-V53C16256H Datasheet
146Kb / 19P
256K x 16 FAST PAGE MODE CMOS DYNAMIC RAM
V53C16256SH MOSEL-V53C16256SH Datasheet
145Kb / 19P
256K X 16 FAST PAGE MODE CMOS DYNAMIC RAM WITH SELF REFRESH
V53C816H MOSEL-V53C816H Datasheet
213Kb / 18P
512K X 16 FAST PAGE MODE CMOS DYNAMIC RAM
logo
Taiwan Memory Technolog...
T221160A TMT-T221160A Datasheet
134Kb / 14P
64K x 16 DYNAMIC RAM FAST PAGE MODE
logo
AMIC Technology
A416316B AMICC-A416316B Datasheet
418Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
A426316B AMICC-A426316B Datasheet
419Kb / 25P
64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
List of Unclassifed Man...
GLT41116 ETC1-GLT41116 Datasheet
106Kb / 16P
64k x 16 CMOS Dynamic RAM with Fast Page Mode
logo
Mosel Vitelic, Corp
V53C1664H MOSEL-V53C1664H Datasheet
213Kb / 18P
HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
64K x 16 bit Dynamic RAM with EDO Page Mode
logo
AMIC Technology
A418316 AMICC-A418316 Datasheet
264Kb / 25P
256K X 16 CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com