Electronic Components Datasheet Search
  English  ▼

X  

L1087 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # L1087
Description  800mA fixed and adjustable low dropout linear regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

L1087 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  L1087 Datasheet HTML 1Page - National Semiconductor (TI) L1087 Datasheet HTML 2Page - National Semiconductor (TI) L1087 Datasheet HTML 3Page - National Semiconductor (TI) L1087 Datasheet HTML 4Page - National Semiconductor (TI) L1087 Datasheet HTML 5Page - National Semiconductor (TI) L1087 Datasheet HTML 6Page - National Semiconductor (TI) L1087 Datasheet HTML 7Page - National Semiconductor (TI) L1087 Datasheet HTML 8Page - National Semiconductor (TI) L1087 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2001
年 9 月
1
© National Semiconductor Corporation
Printed in Japan NSJ 9/2001
L1087
800mA
低ドロップアウト・レギュレータ
概要
概要
概要
概要
L1087
は、正出力の低ドロップアウトレギュレータです。800mA ま
での負荷電流をとることが可能な 3 端子レギュレータです。 過電
流保護・過熱保護・逆極性入力保護・過渡時のスパイク電圧
保護の機能がついております。
特長
特長
特長
特長
アプリケーション
アプリケーション
アプリケーション
アプリケーション
■ 高効率のリニアレギュレータ
■ 定電流のレギュレータ
■ CPU 電源
■スイッチング電源後段の高性能レギュレータ
■ 2.85V、3.3V、5.0V および可変出力電圧
■低ドロップアウト電圧
■ 最大出力電流 : 800mA
■ 過熱保護
■ 過電流制限
■ 出力精度 : ± 2%
ピン配置図
ピン配置図
ピン配置図
ピン配置図
製品情報
製品情報
製品情報
製品情報
Package
Maximum
Temperature
125
℃
℃
℃
℃
Packaging Marking
Transport Media
NSC
Drawing
3-lead SOT-223
L1087MPX-ADJ
N08A
Tape and Reel
MA04A
L1087MPX-2.85
N09A
Tape and Reel
L1087MPX-3.3
N10A
Tape and Reel
L1087MPX-5.0
N11A
Tape and Reel
3-lead TO-252
L1087DTX-ADJ
L1087DTX-ADJ
Tape and Reel
TD03B
L1087DTX-2.85
L1087DTX-2.85
Tape and Reel
L1087DTX-3.3
L1087DTX-3.3
Tape and Reel
L1087DTX-5.0
L1087DTX-5.0
Tape and Reel
SOT-223
Top View
TO-252
Top View


Similar Part No. - L1087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1087-3.3 ETC-L1087-3.3 Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Hamamatsu Corporation
L10878 HAMAMATSU-L10878_15 Datasheet
186Kb / 2P
LONG LIFE 100 W XENON SHORT ARC REFLECTOR LAMP
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1087N-3.3 ETC-L1087N-3.3 Datasheet
60Kb / 6P
0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1087

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
800mA Adjustable Low-Dropout Linear Regulator
logo
National Semiconductor ...
LM1117_O6 NSC-LM1117_O6 Datasheet
921Kb / 21P
800mA Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_07 Datasheet
174Kb / 15P
800mA LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
LM1117-N TI1-LM1117-N Datasheet
458Kb / 25P
800mA Low-Dropout Linear Regulator
SM74503 TI1-SM74503 Datasheet
331Kb / 16P
800mA Low-Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Texas Instruments
LM1117-N TI1-LM1117-N_13 Datasheet
2Mb / 30P
800mA Low-Dropout Linear Regulator
LM1117MP-1.8NOPB TI1-LM1117MP-1.8NOPB Datasheet
2Mb / 32P
800mA Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com