Electronic Components Datasheet Search
  English  ▼

X  

TMCM-1630 Datasheet(PDF) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 4 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMCM-1630 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
4
www.trinamic.com
2 Features
The TMCM-1630 is a highly integrated single axis BLDC servo controller module with several interface-
options. The highly integrated module (size: 50mm x 92.5 mm) has been designed in order to be plugged
onto a baseboard. It integrates velocity and position control and offers hall sensor and incremental encoder
(a/b/n) inputs. The module can be used in stand alone operation or remote controlled.
Applications
Demanding single and multi-axis BLDC motor solutions
Electrical data
Supply voltage: +24V DC or +48V DC nominal (+12… +55V DC max.)
Motor current: up to 10A RMS (programmable) peak
Integrated motion controller
High performance ARM Cortex™-M3 microcontroller for system control and communication protocol
handling
Integrated motor driver
High performance integrated pre-driver (TMC603A)
Support for sensorless back EMF commutation (hallFX™)
High-efficient operation, low power dissipation (MOSFETs with low R
DS(ON))
Dynamic current control
Integrated protection
On the fly alteration of motion parameters (e.g. position, velocity, acceleration)
Interfaces
Two standard assembly options:
-
RS232 and CAN (2.0B up to 1Mbit/s)
-
RS485 and USB (High-speed 12Mbit/s)
2 analogue and 2 digital inputs
3 open drain outputs
Motor type
Block commutated 3 phase BLDC motors with optional hall sensors / optional encoder
Motor power from a few Watts to nearly 500W
Motor velocity up to 100,000 RPM (electrical field)
Common supply voltages of 12V DC, 24V DC, 36V DC and 48V DC supported
Coil current up to 10A peak
Software
TMCL™ stand-alone operation or remote controlled operation
TMCL™ program memory (non volatile) for up to 2048 TMCL™ commands
TMCL™ PC-based application development software TMCL-IDE and TMCL-BLDC available for free
CANopen ready: CiA 301 + CiA 402 (homing mode, profile position mode and velocity mode) under
development
Other
Two double-row 2.54mm connectors
ROHS compliant
Size: 50x92.5mm²
Please see separate TMCL™ and CANopen Firmware Manual (in preparation) for additional information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com