Electronic Components Datasheet Search
  English  ▼

X  

TMCM-1630 Datasheet(PDF) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 9 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
9
www.trinamic.com
5.1 Motor and power connector
A double row 26 pin header with 2.54mm pitch is used for connecting all motor related signals and module
power supply.
Pin
Label
Description
Pin
Label
Description
1
W
Motor coil W
2
W
Motor coil W
3
W
Motor coil W
4
W
Motor coil W
5
V
Motor coil V
6
V
Motor coil V
7
V
Motor coil V
8
V
Motor coil V
9
U
Motor coil U
10
U
Motor coil U
11
U
Motor coil U
12
U
Motor coil U
13
VM
Module driver supply voltage
14
VM
Module driver supply voltage
15
VM
Module driver supply voltage
16
VM
Module driver supply voltage
17
GND
Module ground (power supply
and signal ground)
18
GND
Module ground (power supply
and signal ground)
19
GND
Module ground (power supply
and signal ground)
20
GND
Module ground (power supply
and signal ground)
21
GND
Module ground (power supply
and signal ground)
22
GND
Module ground (power supply
and signal ground)
23
+5V
+5V output (100mA max.) for
encoder and/or hall sensor
supply
24
HALL3
Hall sensor 3 signal input
25
HALL1
Hall sensor 1 signal input
26
HALL2
Hall sensor 2 signal input
Table 5.3: Connector for motor related signals and power supply
5.1.1 Power supply requirements
The power supply should be designed in a way, that it supplies the nominal motor voltage at the desired
maximum motor current. In no case shall the supply voltage exceed the upper or lower voltage limits. To be
able to cope with high voltage spikes which might be caused by energy fed back from the motor during
deceleration, a sufficient power supply capacitor should be added on the baseboard closed to the module.
Depending on the motor and expected motor current please use a 4700µF or larger capacitor with suitable
voltage rating. Additionally, a suitable suppressor (zener-) diode might be useful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com