Electronic Components Datasheet Search
  English  ▼

X  

TMCM-1630 Datasheet(PDF) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 6 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 2Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
6
www.trinamic.com
4 Mechanical and electrical interfacing
4.1 Dimensions of the module
The module has a size of 92.5mm x 50mm. It offers four mounting holes (diameter: 3.2mm). Maximum
overall height of the module including connectors: approx. 14mm.
92.5
50
88.5
4
46
4
4 x 3.2
Figure 4.1: Size of module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com