Electronic Components Datasheet Search
  English  ▼

X  

TMCM-1630 Datasheet(PDF) 14 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 14 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
14
www.trinamic.com
6 LEDs
The TMCM-1630 module has 4 on-board LEDs for power, error indication, current overload, and temperature
warning. The LEDs are placed on the back of the module. You can plug the module on its baseboard and
take a look at the LEDs on the backside of the module.
Power
Error
Current overload
Temperature warning
Figure 6.1: On-board LEDs
LED
Color
Description
Power
green
LED is ON, if the on-board +5V are available
Error
red
ON in case of error
Current overload
red
Blink
The current limit LED blinks upon under
voltage switch off
ON/Flicker
Motor PWM is reduced due to exceeding the
set motor current limit
Temperature warning
red
Blink
The power stage on the module has exceeded
a critical temperature of 100°C (Pre-warning)
ON
The power stage on the module has exceeded
the critical temperature of 125°C. The motor
becomes switched off, until temperature falls
below 115°C. The measurement is correct to
about +/-10°C
Table 6.1: LEDs signals and their meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com