Electronic Components Datasheet Search
  English  ▼

X  

TMCM-1630 Datasheet(PDF) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 7 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 3Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 4Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 5Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 6Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
7
www.trinamic.com
5 Connectors
The module offers two double row 2.54mm pitch standard connectors, one at each end of the board.
+5V
Torque
Dir_IN
Stop_IN
LED_Curlim
GND
Enc_A+
Enc_B+
1
3
5
7
Enc_N+
CANL/USBD-
CANH/USBD+
USB_+VB
GND
19
21
23
25
9
11
13
15
17
Velocity
GND
Tacho
LED_Temp
+5V
GND
Enc_A-
Enc_B-
2
4
6
8
Enc_N-
RXD/485-
TXD/485+
n.c.
GND
20
22
24
26
10
12
14
16
18
Hall1
+5V
GND
GND
GND
+VM
+VM
U
25
23
21
19
U
V
V
W
W
7
5
3
1
17
15
13
11
9
Hall2
Hall3
GND
GND
GND
+VM
+VM
U
26
24
22
20
U
V
V
W
W
8
6
4
2
18
16
14
12
10
Figure 5.1: Connectors
Domain
Connector type
Mating connector type
I/Os, interfaces,
encoder
TSM-113-03-L-DV-K-A, 2x13 poles, double
row, 2.54mm pitch, SMD vertical, Samtec
SSW, SSQ, SSM, BSW, ESW, ESQ, BCS, SLW,
CES, HLE , IDSS and IDSD series, Samtec
Power, hallFX™,
motor
TSM-113-03-L-DV-K-A, 2x13 poles, double
row, 2.54mm pitch, SMD vertical, Samtec
SSW, SSQ, SSM, BSW, ESW, ESQ, BCS, SLW,
CES, HLE , IDSS and IDSD series, Samtec
Table 5.1: Connector type and mating connector of the TMCM-1630
Since the two connectors of the TMCM-1630 are similar be careful not to plug-in the module the other
way round. Also, be sure to place the connectors exactly to their mating opponents. Not following
these guidelines might cause permanent damage to the module when turning power supply on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com