Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology LTC1844 Datasheet HTML 10Page - Linear Technology LTC1844 Datasheet HTML 11Page - Linear Technology LTC1844 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1844 Series
1844ia
For surface mount devices, heat sinking is accomplished
by using the heat-spreading capabilities of the PC board
and its copper traces. Copper board stiffeners and plated
through holes can also be used to spread the heat gener-
ated by power devices.
Table 1 lists thermal resistance for several different board
sizes and copper areas. All measurements were taken in
still air on 3/32" FR-4 board with one ounce copper.
Table 1. Measured Thermal Resistance
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE
BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm
2
2500mm
2
2500mm
2
125
°C/W
1000mm
2
2500mm
2
2500mm
2
125
°C/W
225mm
2
2500mm
2
2500mm
2
130
°C/W
100mm
2
2500mm
2
2500mm
2
135
°C/W
50mm
2
2500mm
2
2500mm
2
150
°C/W
*Device is mounted on topside.
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input voltage
of 4V to 6V, an output current range of 0mA to 50mA and
a maximum ambient temperature of 50
°C, what will the
maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX)(VIN(MAX) – VOUT)
where:
IOUT(MAX) = 50mA
VIN(MAX) = 6V
So:
P = 50mA(6V – 3.3V) = 0.135W
The power dissipated by the LTC1844’s quiescent current
(240
µW) is insignificant. The thermal resistance will be in
the range of 125
°C/W to 150°C/W depending on the
copper area. The junction temperature rise above ambient
will be approximately equal to:
0.135W(150
°C/W) = 20.3°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
T = 50
°C + 20.3°C = 70.3°C
Protection Features
The LTC1844 regulators incorporate several protection
features which make them ideal for use in battery-powered
circuits. In addition to the usual protection features asso-
ciated with monolithic regulators, such as current limiting
and thermal limiting, the devices are protected against
reverse input voltages and reverse voltages from output to
input.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperature should not exceed 125
°C.
The input of the device will withstand input voltages of
– 7V. Current flow into the device will be limited to less
than 500
µA (typically less than 200µA) and only a small
negative voltage will appear at the output (~ –300mV with
no load). The LTC1844 will protect both itself and the load
against batteries plugged in backward.
In circuits where a backup battery is required, several
different input/output conditions can occur. The output
voltage may be held up externally while the input is either
pulled to ground, pulled to some intermediate voltage or
left open circuit. The LTC1844 features reverse current
protection to limit current draw from any supplementary
power source at the output. When VIN is pulled to ground
or is left open circuit, IIN and IOUT are less than 0.1µA for
VOUT = 0V to 7V.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com