Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology LTC1844 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1844 Series
1844ia
APPLICATIO S I FOR ATIO
The LTC1844 family are a series of 150mA ultralow
dropout regulators with micropower quiescent current
and shutdown. The devices are capable of supplying
150mA at a dropout voltage of 90mV (LTC1844-3.3, see
Electrical Characteristics for dropout voltage of other
versions). Output voltage noise is as low as 30
µVRMS over
a 10Hz to 100kHz bandwidth with the addition of a 0.1
µF
bypass capacitor. The low operating quiescent current
(35
µA) drops to 10nA in shutdown.
In addition to the low quiescent current, the LTC1844
regulators incorporate several protection features which
make them ideal for use in battery-powered systems. The
devices are protected against both reverse input voltages
and reverse voltages from output to input (reverse current
protection). The devices also include current limit and
thermal overload protection, and will survive an output
short circuit indefinitely. The fast transient response over-
comes the traditional tradeoff between dropout voltage,
quiescent current and load transient response inherent in
most regulators by using a proprietary new architecture
(see Figure 1).
Adjustable Operation
The adjustable version of the LTC1844 has an output
voltage range of 1.25V to 6V. The output voltage is set by
the ratio of two external resistors as shown in Figure 2. The
device servos the output to maintain the ADJ pin voltage
at 1.25V (referenced to ground). The current in R1 is then
equal to 1.25V/R1 and the current in R2 is the current in R1
plus the ADJ pin bias current. The ADJ pin bias current,
30nA at 25
°C, flows through R2 into the ADJ pin. The
output voltage can be calculated using the formula in
Figure 2. The value of R1 should be no greater than 1M to
minimize errors in the output voltage caused by the ADJ
pin bias current. Note that in shutdown the output is turned
off and the divider current will be zero once COUT is
discharged.
Adjustable devices are tested and specified with the ADJ
pin tied to the OUT pin for an output voltage of 1.25V.
Specifications for output voltages greater than 1.25V will
be proportional to the ratio of the desired output voltage to
1.25V: VOUT/1.25V. For example, load regulation for an
Figure 2. Adjustable Operation
TIME (
µs)
0
–0.02
0.02
80
1844 F01
50
–0.04
0
0.04
0
20
10
40
30
60 70
90
50
100
VIN = 3V
CIN = 1µF
COUT = 1µF
Figure 1. LTC1844-2.5 Transient Response 1mA to 50mA to 1mA
IN
1844 F02
R2
LTC1844
OUT
VIN
VOUT
ADJ
GND
R1
CFF
+
VV
R
R
IR
VV
InA
OUT
ADJ
ADJ
ADJ
=+


+
()( )
=
=°
125
1
2
1
2
125
30
.
.
AT 25 C
OUTPUT RANGE = 1.25V TO 6V
C
OPTIONAL
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com