Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 5 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1844 Series
1844ia
IN(Pin 1): Power for LTC1844 and Load. Power is supplied
to the device through the IN pin. The IN pin should be
locally bypassed to ground if the LTC1844 is more than a
few inches away from another source of bulk capacitance.
In general, the output impedance of a battery rises with
frequency, so it is usually adviseable to include an input
bypass capacitor in battery-powered circuits. A capacitor
in the range of 0.1
µF to 1µF is usually sufficient. The
LTC1844 is designed to withstand reverse voltages on the
IN pin with respect to both ground and the output pin. In
the case of a reversed input, which can happen if a battery
is plugged in backwards, the LTC1844 will act as if there
is a large resistor in series with its input with only a small
amount of current flow.
GND (Pin 2): Ground and Heat Sink. Solder to a ground
plane or large pad to maximize heat dissipation.
SHDN (Pin 3, Fixed and SD Devices): Shutdown, Active
Low. This pin is used to put the LTC1844 into shutdown.
The SHDN pin current is typically less than 10nA. The
SHDN pin cannot be left floating and must be tied to the
input pin if not used. If reverse-battery protection is
desired, the SHDN pin must be tied to the input pin through
a large value resistor (10k to 1M).
PI FU CTIO S
ADJ (Pin 4, Adjustable Devices): Output Adjust. For the
adjustable versions of the LTC1844, this is the input to the
error amplifier. It has a typical bias current of 30nA flowing
into the pin. The ADJ pin reference voltage is 1.25V
referenced to ground. The output voltage range is 1.25V to
6V and is typically set by connecting ADJ to a resistor
divider from OUT to GND. See Figure 2.
BYP (Pin 4, Fixed/Pin 3, BYP Devices): Noise Bypass.
The BYP pin is used to augment the internal noise filter to
improve low noise performance. A small low leakage
bypass capacitor from this pin to ground will filter the input
of the error amplifier to lower the output voltage noise.
Any value may be used; larger values will result in lower
output noise, but will increase initial power-up time.
Shutdown exit delay time after a brief shutdown (<10ms)
will not be affected. If not used, this pin must be left
unconnected.
OUT (Pin 5): Voltage Regulated Output. The OUT pin
supplies power to the load. A minimum output capacitor of
1
µFisrequiredtoensurestability.Largeroutputcapacitors
may be required for applications with large transient loads
to limit peak voltage transients. See the Applications
Information section for more information on output
capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com