Electronic Components Datasheet Search
  English  ▼

X  

LTC1844 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1844
Description  150mA, Micropower, Low Noise, VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1844 Datasheet(HTML) 2 Page - Linear Technology

  LTC1844 Datasheet HTML 1Page - Linear Technology LTC1844 Datasheet HTML 2Page - Linear Technology LTC1844 Datasheet HTML 3Page - Linear Technology LTC1844 Datasheet HTML 4Page - Linear Technology LTC1844 Datasheet HTML 5Page - Linear Technology LTC1844 Datasheet HTML 6Page - Linear Technology LTC1844 Datasheet HTML 7Page - Linear Technology LTC1844 Datasheet HTML 8Page - Linear Technology LTC1844 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1844 Series
1844ia
(Note 1)
Supply Voltage (IN) ....................................... – 7V to 7V
Input Voltage
SHDN, BYP, ADJ .................................... – 0.3V to 7V
Output Voltage
OUT ........................................................ – 0.3V to 7V
OUT to IN .................................................. – 7V to 7V
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage
q
1.6
6.5
V
IIN
Quiescent Current
SHDN = VIN
35
55
µA
q
80
µA
IINSHDN
VIN Shutdown Supply Current
SHDN = 0V
q
0.01
1
µA
VOUT%
Regulated Output Voltage
LTC1844-3.3
VIN = 3.8V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
(Notes 3, 4, 5)
LTC1844-3.3
VIN = 3.8V to 6.5V, IOUT = 0mA to 150mA
q
–1.75
1.75
%VOUT
LTC1844-2.8
VIN = 3.3V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-2.8
VIN = 3.3V to 6.5V, IOUT = 0mA to 150mA
q
–1.75
1.75
%VOUT
LTC1844-2.5
VIN = 3.0V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-2.5
VIN = 3.0V to 6.5V, IOUT = 0mA to 150mA
q
–1.75
1.75
%VOUT
LTC1844-1.8
VIN = 2.3V to 6.5V, IOUT = 0mA to 150mA
–1.50
1.50
%VOUT
LTC1844-1.8
VIN = 2.3V to 6.5V, IOUT = 0mA to 150mA
q
–1.75
1.75
%VOUT
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 0.5V, unless otherwise noted. (Note 2)
Output Short-Circut Duration .......................... Indefinite
Operating Junction Temperature Range
(Notes 2, 10) .....................................–40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER I FOR ATIO
LTC1844ES5-1.5
LTC1844ES5-1.8
LTC1844ES5-2.5
LTC1844ES5-2.8
LTC1844ES5-3.3
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 250°C/ W, θJC = 90°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
S5 PART
MARKING
LTF1
LTF2
LTF3
LTQK
LTF4
5 OUT
4 BYP
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
SHDN 3
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 150°C, θJA = 250°C/ W, θJC = 90°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
TJMAX = 150°C, θJA = 250°C/ W, θJC = 90°C/ W
SEE THE APPLICATIONS INFORMATION SECTION
LTC1844ES5-SD
ORDER PART
NUMBER
S5 PART
MARKING
LTE8
LTC1844ES5-BYP
ORDER PART
NUMBER
S5 PART
MARKING
LTE9
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
SHDN 3
5 OUT
4 ADJ
IN 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
BYP 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com