Electronic Components Datasheet Search
  English  ▼

X  

N413 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # N413
Description  7-bit and 8-bit codes and their extension
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N413 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  N413 Datasheet HTML 1Page - List of Unclassifed Manufacturers N413 Datasheet HTML 2Page - List of Unclassifed Manufacturers N413 Datasheet HTML 3Page - List of Unclassifed Manufacturers N413 Datasheet HTML 4Page - List of Unclassifed Manufacturers N413 Datasheet HTML 5Page - List of Unclassifed Manufacturers N413 Datasheet HTML 6Page - List of Unclassifed Manufacturers N413 Datasheet HTML 7Page - List of Unclassifed Manufacturers N413 Datasheet HTML 8Page - List of Unclassifed Manufacturers N413 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© ISO/IEC
ISO/IEC 8859-4:1997 (E)
Foreword
ISO (the International Organization for Standardization) and IEC (the
International Electrotechnical Commission) form the specialized
system for worldwide standardization.
National bodies that are
members of ISO or IEC participate in the development of
International Standards through technical committees established by
the respective organization to deal with particular fields of technical
activity. ISO and IEC technical committees collaborate in fields of
mutual interest. Other international organizations, governmental and
nongovernmental, in liaison with ISO and IEC, also take part in the
work.
In the field of information technology, ISO and IEC have established
a joint technical committee, ISO/IEC JTC1.
Draft International
Standards adopted by the joint technical committee are circulated to
national bodies for voting. Publication as an International Standard
requires approval by at least 75% of the national bodies casting a
vote.
International Standard ISO/IEC 8859-4 was prepared by Joint
Technical Committee ISO/IEC JTC 1,
Information technology,
Subcommittee SC 2,
Character sets and information coding.
ISO/IEC 8859 consists of the following parts, under the general title
Information technology – 8-bit single-byte coded graphic character
sets:
–
Part 1:
Latin alphabet No. 1
–
Part 2:
Latin alphabet No. 2
–
Part 3:
Latin alphabet No. 3
–
Part 4:
Latin alphabet No. 4
–
Part 5:
Latin/Cyrillic alphabet
–
Part 6:
Latin/Arabic alphabet
–
Part 7:
Latin/Greek alphabet
–
Part 8:
Latin/Hebrew alphabet
–
Part 9:
Latin alphabet No. 5
–
Part 10: Latin alphabet No. 6
Annexes A to C of this part of ISO/IEC 8859 are for information only.
iii



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com