Electronic Components Datasheet Search
  English  ▼

X  

N413 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # N413
Description  7-bit and 8-bit codes and their extension
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N413 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button N413 Datasheet HTML 2Page - List of Unclassifed Manufacturers N413 Datasheet HTML 3Page - List of Unclassifed Manufacturers N413 Datasheet HTML 4Page - List of Unclassifed Manufacturers N413 Datasheet HTML 5Page - List of Unclassifed Manufacturers N413 Datasheet HTML 6Page - List of Unclassifed Manufacturers N413 Datasheet HTML 7Page - List of Unclassifed Manufacturers N413 Datasheet HTML 8Page - List of Unclassifed Manufacturers N413 Datasheet HTML 9Page - List of Unclassifed Manufacturers N413 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
INTERNATIONAL STANDARD © ISO/IEC
ISO/IEC 8859-4:1997 (E)
Information technology –
8-bit single-byte coded graphic character sets –
Part 4: Latin alphabet No. 4
1 Scope
This part of ISO/IEC 8859 specifies a set of 191
coded
graphic
characters
identified
as
Latin
alphabet No. 4.
This set of coded graphic characters is intended for
use in data and text processing applications and
also for information interchange.
The set contains graphic characters used for
general
purpose
applications
in
typical
office
environments in at least the following languages:
Danish,
English,
Estonian,
Finnish,
German,
Greenlandic, Latin, Latvian, Lithuanian, Norwegian,
Sámi (but see Annex A.1, Notes), Slovene and
Swedish.
This set of coded graphic characters may be
regarded as a version of an 8-bit code according to
ISO/IEC 2022 or ISO/IEC 4873 at level 1.
This part of ISO/IEC 8859 may not be used in
conjunction with any other parts of ISO/IEC 8859.
If coded characters from more than one part are to
be used together, by means of code extension
techniques, the equivalent coded character sets
from ISO/IEC 10367 should be used instead within
a version of ISO/IEC 4873 at level 2 or level 3.
The coded characters in this set may be used in
conjunction with coded control functions selected
from ISO/IEC 6429. However, control functions are
not used to create composite graphic symbols from
two or more graphic characters (see clause 6).
NOTE
–
ISO/IEC 8859 is not intended for use with
Telematic services defined by ITU-T. If information coded
according to ISO/IEC 8859 is to be transferred to such
services, it will have to conform to the requirements of
those services at the access-point.
2 Conformance
2.1 Conformance of information interchange
A coded-character-data-element (CC-data-element)
within coded information for interchange is in
conformance with this part of ISO/IEC 8859 if all the
coded representations of graphic characters within
that CC-data-element conform to the requirements
of clause 6.
2.2 Conformance of devices
A device is in conformance with this part of
ISO/IEC 8859 if it conforms to the requirements of
2.2.1, and either or both of 2.2.2 and 2.2.3. A claim
of conformance shall identify the document which
contains the description specified in 2.2.1.
2.2.1 Device description
A device that conforms to this part of ISO/IEC 8859
shall be the subject of a description that identifies
the means by which the user may supply characters
to the device, or may recognize them when they are
made available to him, as specified respectively in
2.2.2 and 2.2.3.
2.2.2 Originating devices
An originating device shall allow its user to supply
any sequence of characters from those specified in
clause 6, and shall be capable of transmitting their
coded representations within a CC-data-element.
2.2.3 Receiving devices
A receiving device shall be capable of receiving and
interpreting any coded representations of characters
that are within a CC-data-element, and that conform
to clause 6, and shall make the corresponding
characters available to its user in such a way that
the user can identify them from among those
specified there, and can distinguish them from each
other.
3 Normative references
The following standards contain provisions which,
through reference in this text, constitute provisions
of this part of ISO/IEC 8859. At the time of publica-
tion, the editions indicated were valid. All standards
are subject to revision, and parties to agreements
based on this part of ISO/IEC 8859 are encouraged
to investigate the possibility of applying the most
recent editions of the standards indicated below.
Members of IEC and ISO maintain registers of
currently valid International Standards.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com