| Electronic Components Datasheet Search |
|
N413 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
N413 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers |
|
11 / 15 page ![]() ISO/IEC 8859-4:1997 (E) © ISO/IEC 7 Identification of the character set 7.1 Identification according to ISO/IEC 2022 and ISO/IEC 4873 The graphic characters of this part of ISO/IEC 8859 constitute a single coded character set. However in accordance with ISO/IEC 2022 and ISO/IEC 4873 the code table of this part of ISO/IEC 8859 may be considered to consist of the following components: – The character SPACE represented by bit combination 02/00; – a 94-character G0 graphic character set represented by bit combinations 02/01 to 07/14; – a 96-character G1 graphic character set represented by bit combinations 10/00 to 15/15. When the identification methods of ISO/IEC 2022 or ISO/IEC 4873 are used this part of ISO/IEC 8859 shall be identified by the following pair of designation functions: GZD4 04/02 (ESC 02/08 04/02) G1D6 04/04 (ESC 02/13 04/04) NOTE – The corresponding escape sequences are shown in parentheses. 7.2 Identification according to ISO/IEC 8824-1 (ASN.1) In the terminology of ISO/IEC 8824-1 the character set of this part of ISO/IEC 8859 and the corresponding coded representations are distinct, and are known as the "character abstract syntax" and the "character transfer syntax" respectively. When the identification methods of ISO/IEC 8824-1 are used this part of ISO/IEC 8859 shall be identified by the following object identifiers: – character set { iso standard 8859 4 abstract-syntax (1) } – coded representations { iso standard 8859 4 transfer-syntax (0) } The corresponding object descriptors shall be: – character set "ISO 8859 part 4 repertoire" – coded representations "ISO 8859 part 4 code" 7.3 Identification using the ISO International register of coded character sets to be used with escape sequences According to 7.1 above the character set of this part of ISO/IEC 8859 may be considered to consist of the character SPACE, a 94-character G0 graphic character set, and a 96-character G1 graphic character set. The G0 and G1 graphic character sets may be identified by the use of the Registration Numbers from the ISO International register of coded character sets to be used with escape sequences. When these registration numbers are used this part of ISO/IEC 8859 shall be identified by the following pair of registration numbers: – G0 graphic character set ISO-IR 6 – G1 graphic character set ISO-IR 110 6 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |