Electronic Components Datasheet Search
  English  ▼

X  

N413 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # N413
Description  7-bit and 8-bit codes and their extension
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N413 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button N413 Datasheet HTML 5Page - List of Unclassifed Manufacturers N413 Datasheet HTML 6Page - List of Unclassifed Manufacturers N413 Datasheet HTML 7Page - List of Unclassifed Manufacturers N413 Datasheet HTML 8Page - List of Unclassifed Manufacturers N413 Datasheet HTML 9Page - List of Unclassifed Manufacturers N413 Datasheet HTML 10Page - List of Unclassifed Manufacturers N413 Datasheet HTML 11Page - List of Unclassifed Manufacturers N413 Datasheet HTML 12Page - List of Unclassifed Manufacturers N413 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ISO/IEC 8859-4:1997 (E)
© ISO/IEC
Table 1
(continued)
Table 1
(concluded)
Bit
combi-
nation
Hex Identifier
Name
Bit
combi-
nation
Hex Identifier
Name
06/00
06/01
06/02
06/03
06/04
06/05
06/06
06/07
06/08
06/09
06/10
06/11
06/12
06/13
06/14
06/15
07/00
07/01
07/02
07/03
07/04
07/05
07/06
07/07
07/08
07/09
07/10
07/11
07/12
07/13
07/14
10/00
10/01
10/02
10/03
10/04
10/05
10/06
10/07
10/08
10/09
10/10
10/11
10/12
10/13
10/14
10/15
11/00
11/01
11/02
11/03
11/04
11/05
11/06
11/07
11/08
11/09
11/10
11/11
11/12
11/13
11/14
11/15
60
61
62
63
64
65
66
67
68
69
6A
6B
6C
6D
6E
6F
70
71
72
73
74
75
76
77
78
79
7A
7B
7C
7D
7E
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
AA
AB
AC
AD
AE
AF
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
BA
BB
BC
BD
BE
BF
U+0060
U+0061
U+0062
U+0063
U+0064
U+0065
U+0066
U+0067
U+0068
U+0069
U+006A
U+006B
U+006C
U+006D
U+006E
U+006F
U+0070
U+0071
U+0072
U+0073
U+0074
U+0075
U+0076
U+0077
U+0078
U+0079
U+007A
U+007B
U+007C
U+007D
U+007E
U+00A0
U+0104
U+0138
U+0156
U+00A4
U+0128
U+013B
U+00A7
U+00A8
U+0160
U+0112
U+0122
U+0166
U+00AD
U+017D
U+00AF
U+00B0
U+0105
U+02DB
U+0157
U+00B4
U+0129
U+013C
U+02C7
U+00B8
U+0161
U+0113
U+0123
U+0167
U+014A
U+017E
U+014B
GRAVE ACCENT
LATIN SMALL LETTER A
LATIN SMALL LETTER B
LATIN SMALL LETTER C
LATIN SMALL LETTER D
LATIN SMALL LETTER E
LATIN SMALL LETTER F
LATIN SMALL LETTER G
LATIN SMALL LETTER H
LATIN SMALL LETTER I
LATIN SMALL LETTER J
LATIN SMALL LETTER K
LATIN SMALL LETTER L
LATIN SMALL LETTER M
LATIN SMALL LETTER N
LATIN SMALL LETTER O
LATIN SMALL LETTER P
LATIN SMALL LETTER Q
LATIN SMALL LETTER R
LATIN SMALL LETTER S
LATIN SMALL LETTER T
LATIN SMALL LETTER U
LATIN SMALL LETTER V
LATIN SMALL LETTER W
LATIN SMALL LETTER X
LATIN SMALL LETTER Y
LATIN SMALL LETTER Z
LEFT CURLY BRACKET
VERTICAL LINE
RIGHT CURLY BRACKET
TILDE
NO-BREAK SPACE
LATIN CAPITAL LETTER A WITH OGONEK
LATIN SMALL LETTER KRA (Greenlandic)
LATIN CAPITAL LETTER R WITH CEDILLA
CURRENCY SIGN
LATIN CAPITAL LETTER I WITH TILDE
LATIN CAPITAL LETTER L WITH CEDILLA
SECTION SIGN
DIAERESIS
LATIN CAPITAL LETTER S WITH CARON
LATIN CAPITAL LETTER E WITH MACRON
LATIN CAPITAL LETTER G WITH CEDILLA
LATIN CAPITAL LETTER T WITH STROKE
SOFT HYPHEN
LATIN CAPITAL LETTER Z WITH CARON
MACRON
DEGREE SIGN
LATIN SMALL LETTER A WITH OGONEK
OGONEK
LATIN SMALL LETTER R WITH CEDILLA
ACUTE ACCENT
LATIN SMALL LETTER I WITH TILDE
LATIN SMALL LETTER L WITH CEDILLA
CARON
CEDILLA
LATIN SMALL LETTER S WITH CARON
LATIN SMALL LETTER E WITH MACRON
LATIN SMALL LETTER G WITH CEDILLA
LATIN SMALL LETTER T WITH STROKE
LATIN CAPITAL LETTER ENG (Sámi)
LATIN SMALL LETTER Z WITH CARON
LATIN SMALL LETTER ENG (Sámi)
12/00
12/01
12/02
12/03
12/04
12/05
12/06
12/07
12/08
12/09
12/10
12/11
12/12
12/13
12/14
12/15
13/00
13/01
13/02
13/03
13/04
13/05
13/06
13/07
13/08
13/09
13/10
13/11
13/12
13/13
13/14
13/15
14/00
14/01
14/02
14/03
14/04
14/05
14/06
14/07
14/08
14/09
14/10
14/11
14/12
14/13
14/14
14/15
15/00
15/01
15/02
15/03
15/04
15/05
15/06
15/07
15/08
15/09
15/10
15/11
15/12
15/13
15/14
15/15
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9
CA
CB
CC
CD
CE
CF
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
DA
DB
DC
DD
DE
DF
E0
E1
E2
E3
E4
E5
E6
E7
E8
E9
EA
EB
EC
ED
EE
EF
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
FA
FB
FC
FD
FE
FF
U+0100
U+00C1
U+00C2
U+00C3
U+00C4
U+00C5
U+00C6
U+012E
U+010C
U+00C9
U+0118
U+00CB
U+0116
U+00CD
U+00CE
U+012A
U+0110
U+0145
U+014C
U+0136
U+00D4
U+00D5
U+00D6
U+00D7
U+00D8
U+0172
U+00DA
U+00DB
U+00DC
U+0168
U+016A
U+00DF
U+0101
U+00E1
U+00E2
U+00E3
U+00E4
U+00E5
U+00E6
U+012F
U+010D
U+00E9
U+0119
U+00EB
U+0117
U+00ED
U+00EE
U+012B
U+0111
U+0146
U+014D
U+0137
U+00F4
U+00F5
U+00F6
U+00F7
U+00F8
U+0173
U+00FA
U+00FB
U+00FC
U+0169
U+016B
U+02D9
LATIN CAPITAL LETTER A WITH MACRON
LATIN CAPITAL LETTER A WITH ACUTE
LATIN CAPITAL LETTER A WITH CIRCUMFLEX
LATIN CAPITAL LETTER A WITH TILDE
LATIN CAPITAL LETTER A WITH DIAERESIS
LATIN CAPITAL LETTER A WITH RING ABOVE
LATIN CAPITAL LETTER AE
LATIN CAPITAL LETTER I WITH OGONEK
LATIN CAPITAL LETTER C WITH CARON
LATIN CAPITAL LETTER E WITH ACUTE
LATIN CAPITAL LETTER E WITH OGONEK
LATIN CAPITAL LETTER E WITH DIAERESIS
LATIN CAPITAL LETTER E WITH DOT ABOVE
LATIN CAPITAL LETTER I WITH ACUTE
LATIN CAPITAL LETTER I WITH CIRCUMFLEX
LATIN CAPITAL LETTER I WITH MACRON
LATIN CAPITAL LETTER D WITH STROKE
LATIN CAPITAL LETTER N WITH CEDILLA
LATIN CAPITAL LETTER O WITH MACRON
LATIN CAPITAL LETTER K WITH CEDILLA
LATIN CAPITAL LETTER O WITH CIRCUMFLEX
LATIN CAPITAL LETTER O WITH TILDE
LATIN CAPITAL LETTER O WITH DIAERESIS
MULTIPLICATION SIGN
LATIN CAPITAL LETTER O WITH STROKE
LATIN CAPITAL LETTER U WITH OGONEK
LATIN CAPITAL LETTER U WITH ACUTE
LATIN CAPITAL LETTER U WITH CIRCUMFLEX
LATIN CAPITAL LETTER U WITH DIAERESIS
LATIN CAPITAL LETTER U WITH TILDE
LATIN CAPITAL LETTER U WITH MACRON
LATIN SMALL LETTER SHARP S (German)
LATIN SMALL LETTER A WITH MACRON
LATIN SMALL LETTER A WITH ACUTE
LATIN SMALL LETTER A WITH CIRCUMFLEX
LATIN SMALL LETTER A WITH TILDE
LATIN SMALL LETTER A WITH DIAERESIS
LATIN SMALL LETTER A WITH RING ABOVE
LATIN SMALL LETTER AE
LATIN SMALL LETTER I WITH OGONEK
LATIN SMALL LETTER C WITH CARON
LATIN SMALL LETTER E WITH ACUTE
LATIN SMALL LETTER E WITH OGONEK
LATIN SMALL LETTER E WITH DIAERESIS
LATIN SMALL LETTER E WITH DOT ABOVE
LATIN SMALL LETTER I WITH ACUTE
LATIN SMALL LETTER I WITH CIRCUMFLEX
LATIN SMALL LETTER I WITH MACRON
LATIN SMALL LETTER D WITH STROKE
LATIN SMALL LETTER N WITH CEDILLA
LATIN SMALL LETTER O WITH MACRON
LATIN SMALL LETTER K WITH CEDILLA
LATIN SMALL LETTER O WITH CIRCUMFLEX
LATIN SMALL LETTER O WITH TILDE
LATIN SMALL LETTER O WITH DIAERESIS
DIVISION SIGN
LATIN SMALL LETTER O WITH STROKE
LATIN SMALL LETTER U WITH OGONEK
LATIN SMALL LETTER U WITH ACUTE
LATIN SMALL LETTER U WITH CIRCUMFLEX
LATIN SMALL LETTER U WITH DIAERESIS
LATIN SMALL LETTER U WITH TILDE
LATIN SMALL LETTER U WITH MACRON
DOT ABOVE
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com