Electronic Components Datasheet Search
  English  ▼

X  

N413 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # N413
Description  7-bit and 8-bit codes and their extension
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

N413 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button N413 Datasheet HTML 7Page - List of Unclassifed Manufacturers N413 Datasheet HTML 8Page - List of Unclassifed Manufacturers N413 Datasheet HTML 9Page - List of Unclassifed Manufacturers N413 Datasheet HTML 10Page - List of Unclassifed Manufacturers N413 Datasheet HTML 11Page - List of Unclassifed Manufacturers N413 Datasheet HTML 12Page - List of Unclassifed Manufacturers N413 Datasheet HTML 13Page - List of Unclassifed Manufacturers N413 Datasheet HTML 14Page - List of Unclassifed Manufacturers N413 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
© ISO/IEC
ISO/IEC 8859-4:1997 (E)
Annex B
(informative)
Main differences between the First edition and this Second edition of
this part of ISO/IEC 8859
B.1 The names of the graphic characters have
been amended where necessary to align them with
the names of characters adopted for all standards
on coded character sets developed under the
responsibility of ISO/IEC JTC 1. For each character
the short identifiers specified in ISO/IEC 10646-1
Amendment 9 have been added to table 1.
B.2 The new style of conformance clause, adopted
for all standards on coded character sets, has been
introduced.
B.3 Object identifiers conforming to Abstract Syntax
Notation One
(ASN.1, see ISO/IEC 8824-1)
are
specified in 7.2 for the character set, and the
corresponding coded representations, of this part of
ISO/IEC 8859.
Registration numbers from the International register
of coded character sets to be used with escape
sequences, have been included as an additional
method of identifying the coded character set of this
part of ISO/IEC 8859.
B.4 A new Annex A has been added that identifies
the coverage of languages by parts 1–10 of ISO/IEC
8859.
B.5 Various editorial adjustments and clarifications
have been made to the text of the standard. The
hexadecimal equivalents of the bit combinations
have been added to tables 1 and 2, and a revised
font has been used for the graphic symbols in
table 2.
B.6 Annex C, Bibliography, has been added.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com