Electronic Components Datasheet Search
  English  ▼

X  

BCM4354 Datasheet(PDF) 184 Page - Cypress Semiconductor

Part # BCM4354
Description  Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4354 Datasheet(HTML) 184 Page - Cypress Semiconductor

Back Button BCM4354 Datasheet HTML 180Page - Cypress Semiconductor BCM4354 Datasheet HTML 181Page - Cypress Semiconductor BCM4354 Datasheet HTML 182Page - Cypress Semiconductor BCM4354 Datasheet HTML 183Page - Cypress Semiconductor BCM4354 Datasheet HTML 184Page - Cypress Semiconductor BCM4354 Datasheet HTML 185Page - Cypress Semiconductor BCM4354 Datasheet HTML 186Page - Cypress Semiconductor BCM4354 Datasheet HTML 187Page - Cypress Semiconductor BCM4354 Datasheet HTML 188Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 192 page
background image
Sequencing of Reset and Regulator Control Signals
BCM4354 Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
October 15, 2014 • 4354-DS109-R
Page 183
Figure 50 shows the WLAN boot-up sequence from power-up to firmware download.
Figure 50: WLAN Boot-Up Sequence
< 950 µs
After 8 ms the reference clock is
assumed to be up. Access to PLL
registers is possible.
8 ms
< 4 ms
< 104 ms
After a fixed delay following Internal POR and WL_REG_ON going high,
the device responds to host F0 (address 0x14) reads.
VDDIO
WL_REG_ON
VDDC
(from internal PMU)
Internal POR
Device requests for reference clock
Host Interaction:
Host polls F0 (address 0x14) until it reads a
predefined pattern.
Host sets wake-up-wlan bit and
waits 8 ms, the maximum time for
reference clock availability.
After 8 ms, host programs PLL
registers to set crystal frequency
Host downloads
code.
Chip active interrupt is asserted after the PLL locks
VBAT*
*Notes:
1. VBAT should not rise 10%–90% faster than 40 microseconds.
2. VBAT should be up before or at the same time as VDDIO . VDDIO should NOT be present first or be held high before VBAT is high .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com