Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 209 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 209 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 205Page - National Semiconductor (TI) PC87414 Datasheet HTML 206Page - National Semiconductor (TI) PC87414 Datasheet HTML 207Page - National Semiconductor (TI) PC87414 Datasheet HTML 208Page - National Semiconductor (TI) PC87414 Datasheet HTML 209Page - National Semiconductor (TI) PC87414 Datasheet HTML 210Page - National Semiconductor (TI) PC87414 Datasheet HTML 211Page - National Semiconductor (TI) PC87414 Datasheet HTML 212Page - National Semiconductor (TI) PC87414 Datasheet HTML 213Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
Revision 1.2
209
www.national.com
9.4.8
General-Purpose Status 1 Register 0 (GPE1_STS_0)
This register contains bits 0-7 of the GPE1_STS register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The status bits behave according to the Sticky Status Bit definition (the bit is set by the HIGH level of the hardware signal
and is only cleared by the software writing ‘1’ to it) in the ACPI Specification.
Power Well:VSB
Location: Offset 00h
Type:
R/W1C
9.4.9
General-Purpose Status 1 Register 1 (GPE1_STS_1)
This register contains bits 8-15 of the GPE1_STS register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The status bits behave according to the Sticky Status Bit definition (the bit is set by the HIGH level of the hardware signal
and is only cleared by the software writing ‘1’ to it) in the ACPI Specification.
Power Well:VSB
Location: Offset 01h
Type:
R/W1C
4-2
R/W
SLP_TYPx (Sleep Type). This field defines the system sleep state type (encoded). The states
supported by the PC8741x devices are: Working (G0/S0), Sleeping (G1/S1-S4) and Soft-off (G2/S5).
The encoding of the sleep state is programmed through the VPP-powered registers S0_SLP_TYP to
S5_SLP_TYP.
Bits
2 1 0
Function
0 0 0: Encoded 3-bit value for state Sn (n = 0-5); (default)
x x x:
Encoded 3-bit value (except 000b) for the remaining 5 sleep states: Sn (n = 0-5)
1-
Ignored. The data written is ignored; the data read is undefined.
0-
Reserved.
Bit
76543210
Name
GPIOE17
_STS
GPIOE16
_STS
GPIOE15
_STS
GPIOE14
_STS
GPIOE13
_STS
GPIOE12
_STS
GPIOE11
_STS
GPIOE10
_STS
Reset
00000000
Bit
Description
7
GPIOE17_STS (GPIOE17 Event Status). Indicates that an active event has been detected at pin 7 of the
GPIOE Port 1. The event has programmable polarity and the debounce option (see Section 7.3.1 on page 137).
The bit is set by an active level at the GPIOE17 pin. Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: An active event has occurred
6-0
GPIOE16_STS to GPIOE10_STS (GPIOE16 to GPIOE10 Event Status). Same as above for pins 6-0 of the
GPIOE Port 1.
Bit
76543210
Name
GPIOE47
_STS
GPIOE46
_STS
GPIOE45
_STS
GPIOE44
_STS
GPIOE43
_STS
GPIOE42
_STS
GPIOE41
_STS
GPIOE40
_STS
Reset
00000000
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com