Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 206Page - National Semiconductor (TI) PC87414 Datasheet HTML 207Page - National Semiconductor (TI) PC87414 Datasheet HTML 208Page - National Semiconductor (TI) PC87414 Datasheet HTML 209Page - National Semiconductor (TI) PC87414 Datasheet HTML 210Page - National Semiconductor (TI) PC87414 Datasheet HTML 211Page - National Semiconductor (TI) PC87414 Datasheet HTML 212Page - National Semiconductor (TI) PC87414 Datasheet HTML 213Page - National Semiconductor (TI) PC87414 Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 257 page
background image
9.0 System Wake-Up Control (SWC) (Continued)
www.national.com
210
Revision1.2
9.4.10
General-Purpose Status 1 Register 2 (GPE1_STS_2)
This register contains bits 16-23 of the GPE1_STS register. This register belongs to the General-Purpose Event 1 Group of
the ACPI fixed-feature space registers.
The status bits behave according to the Sticky status bit definition (the bit is set by the HIGH level of the hardware signal
and is only cleared by the software writing ‘1’ to it) in the ACPI Specification.
Power Well:VSB
Location: Offset 02h
Type:
R/W1C
Bit
Description
7
GPIOE47_STS (GPIOE47 Event Status). Indicates that an active event has been detected at pin 7 of the
GPIOE Port 4. The event has programmable polarity and the debounce option (see Section 7.3.1 on page 137).
The bit is set by an active level at the GPIOE47 pin. Writing ‘1’ clears this bit; writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: An active event has occurred
6-0
GPIOE46_STS to GPIOE40_STS (GPIOE46 to GPIOE40 Event Status). Same as above for pins 6-0 of the
GPIOE Port 4.
Bit
76543210
Name
PWBT_EVT
_STS
SLBT_EVT
_STS
KBD_EVT3
_STS
KBD_EVT2
_STS
KBD_EVT1
_STS
MS_EVT
_STS
RI2_EVT
_STS
RI1_EVT
_STS
Reset
00000000
Bit
Description
7
PWBT_EVT_STS (Power Button Event Status). Indicates that the Power button was pressed. This bit is similar
to the PWRBTN_STS bit in the PM1b_STS_HIGH register. The PWBTIN signal is internally debounced. Writing
‘1’ clears this bit and the PWRBTN_STS bit in the PM1b_STS_HIGH register; writing ‘0’ is ignored. This bit is
also cleared in Legacy Power Button mode (LEGACY_PWBT = 1 in PWONCTL) when VDD is turned off by
pressing the Power button.
0: Inactive (default)
1: The Power button was pressed
6
SLBT_EVT_STS (Sleep Button Event Status). Indicates that the Sleep button was pressed. This bit is similar
to the SLPBTN_STS bit in the PM1b_STS_HIGH register. The SLBTIN signal is internally debounced. Writing
‘1’ clears this bit and the SLPBTN_STS bit in the PM1b_STS_HIGH register; writing ‘0’ is ignored.
0: Inactive (default)
1: The Sleep button was pressed
5
KBD_EVT3_STS (Keyboard Event 3 Status). Indicates that “PM Key 3” was pressed and that the event was
identified by the Keyboard/Mouse Wake-up Detector. This bit is set only if the Keyboard/Mouse Wake-up
Detector is in the Power Management Key mode (see Section 9.3.16 on page 193). Writing ‘1’ clears this bit;
writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 3” key was pressed on the keyboard
4
KBD_EVT2_STS (Keyboard Event 2 Status). Indicates that “PM Key 2” was pressed and that the event was
identified by the Keyboard/Mouse Wake-up Detector. This bit is set only if the Keyboard/Mouse Wake-up
Detector is in the Power Management Key mode (see Section 9.3.16 on page 193). Writing ‘1’ clears this bit;
writing ‘0’ is ignored.
0: Inactive since last cleared (default)
1: The “PM Key 2” key was pressed on the keyboard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com