Electronic Components Datasheet Search
  English  ▼

X  

PC87414 Datasheet(PDF) 234 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87414
Description  LPC ServerI/O for Servers and Workstations
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87414 Datasheet(HTML) 234 Page - National Semiconductor (TI)

Back Button PC87414 Datasheet HTML 230Page - National Semiconductor (TI) PC87414 Datasheet HTML 231Page - National Semiconductor (TI) PC87414 Datasheet HTML 232Page - National Semiconductor (TI) PC87414 Datasheet HTML 233Page - National Semiconductor (TI) PC87414 Datasheet HTML 234Page - National Semiconductor (TI) PC87414 Datasheet HTML 235Page - National Semiconductor (TI) PC87414 Datasheet HTML 236Page - National Semiconductor (TI) PC87414 Datasheet HTML 237Page - National Semiconductor (TI) PC87414 Datasheet HTML 238Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 257 page
background image
11.0 Device Characteristics (Continued)
www.national.com
234
Revision1.2
11.2.4
Input, TTL Compatible
Symbol: INT
11.2.5
Input, TTL Compatible with Schmitt Trigger
Symbol: INTS
11.2.6
Output, TTL Compatible Push-Pull Buffer
Symbol: Op/n
Output, TTL Compatible, rail-to-rail Push-Pull buffer that is capable of sourcing p mA and sinking n mA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
2
2. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0<VIN <VSUP
3
3. VSUP is VDD, VSB or VPP according to the input power well.
±14
4. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
VHY
Input Hysteresis
2002
2. Not tested. Guaranteed by characterization.
mV
IIL
3
3. Input leakage current includes the output leakage of the bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0<VIN <VSUP
4
4. VSUP is VDD, VSB or VPP according to the input power well.
±15
5. Maximum 10
µA for all pins together. Not tested. Guaranteed by characterization.
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output High Voltage
IOH = −p mA
2.4
V
IOH = −50 µA
VSUP − 0.2
1
1. VSUP is VDD, VSB or VPP according to the output power well.
V
VOL
Output Low Voltage
IOL = n mA
0.4
V
IOL =50 µA
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com